Electronic Components Datasheet Search
  English  ▼

X  

8148 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8148
Description  RS232/485 Low Cap, #28-18pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8148 Datasheet(HTML) 1 Page - Belden Inc.

  8148 Datasheet HTML 1Page - Belden Inc. 8148 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8148
RS232/485 Low Cap, #28-18pr, FPE, O/A Foil+Braid, PVC Jkt, CL2, 120Ω
Product Description
Computer EIA RS-232/485 Cable, 18-Pair, 28 AWG stranded (7x36) tinned copper conductors, Datalene® insulation, overall Beldfoil® (100% coverage) +
tinned copper braid shield (65% coverage), 28 AWG stranded tinned copper drain wire, PVC jacket.
Technical Specifications
Product Overview
Suitable Applications:
RS-232 extended distance applications; RS-485 applications; computer communications; low voltage analog signals (4-20ma, 0-10v, ...); low voltage digital control (24v,
…); line level audio; panel wiring
Construction Details
Conductor
Element Number of Element
Size
Stranding
Material
Pair(s)
18
28 AWG 7x36
TC - Tinned Copper
Insulation
Element
Material
Nom.
Thickness
Color Code
Pair(s)
PE -
Polyethylene
(Foam)
0.0145 in
(0.368 mm)
White/Blue Stripe & Blue/White Stripe, White/Orange Stripe & Orange/White Stripe, White/Green Stripe & Green/White Stripe, White/Brown Stripe & Brown/White
Stripe, White/Gray Stripe & Gray/White Stripe, Red/Blue Stripe & Blue/Red Stripe, Red/Orange Stripe & Orange/Red Stripe, Red/Green Stripe & Green/Red Stripe,
Red/Brown Stripe & Brown/Red Stripe, Red/Gray Stripe & Gray/Red Stripe, Black/Blue Stripe & Blue/Black Stripe, Black/Orange Stripe & Orange/Black Stripe,
Black/Green Stripe & Green/Black Stripe, Black/Brown Stripe & Brown/Black Stripe, Black/Gray Stripe & Gray/Black Stripe, Yellow/Blue Stripe & Blue/Yellow Stripe,
Yellow/Orange Stripe & Orange/Yellow Stripe, Yellow/Green Stripe & Green/Yellow Stripe
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
28 AWG (7x36) TC
Braid
Tinned Copper (TC)
65%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.045 in (1.1 mm) 0.467 in (11.9 mm)
Overall Cable Diameter (Nominal):
0.467 in (11.9 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR
Nom. Capacitance
Cond-to-Cond
Nom. Capacitance Cond-to-Other (Conds +
Shield)
Nom. Characteristic
Impedence
Nom. Velocity of
Prop.
Max. Current
Pair(s)
65 Ohm/1000ft (210
Ohm/km)
11 pF/ft (36 pF/m)
20 pF/ft (66 pF/m)
120 Ohm
78%
0.6 Amps per Conductor at
25ºC
Voltage
UL Voltage Rating
30 V (UL AWM 2919)
Mechanical Characteristics
Temperature


Similar Part No. - 8148

ManufacturerPart #DatasheetDescription
logo
Bi technologies
8148 BITECH-8148 Datasheet
217Kb / 4P
Precision Potentiometer / Position Sensor
logo
Keystone Electronics Co...
8148 KEYSTONE-8148 Datasheet
279Kb / 1P
METAL CABLE CLAMPS
31-07 20th
logo
SNA Europe
8148 LINDSTROM-8148 Datasheet
777Kb / 2P
Ultra-Flush® Precision Cut Diagonal Cutter with Tapered & Relieved Head & ESD Safe Handle 0.1-0.8 mm
logo
Unisonic Technologies
8148-AB3-D-B UTC-8148-AB3-D-B Datasheet
201Kb / 6P
POWER RESET IC
8148-AB3-D-K UTC-8148-AB3-D-K Datasheet
201Kb / 6P
POWER RESET IC
More results

Similar Description - 8148

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8132 BELDEN-8132 Datasheet
195Kb / 2P
RS232/485 Low Cap, #28-2pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
01-20-2023
8133 BELDEN-8133 Datasheet
163Kb / 2P
RS232/485 Low Cap, #28-3pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
05-05-2023
8134 BELDEN-8134 Datasheet
163Kb / 2P
RS232/485 Low Cap, #28-4pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
05-05-2023
8134FO BELDEN-8134FO Datasheet
160Kb / 2P
RS232/485 Low Cap, #28-4pr, FPO, O/A Foil, PVC Jkt, CL2, 120Ω
05-05-2023
8138 BELDEN-8138 Datasheet
158Kb / 2P
RS232/485 Low Cap, #28-8pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
05-05-2023
8138FO BELDEN-8138FO Datasheet
164Kb / 3P
RS232/485 Low Cap, #28-8pr, FPO, O/A Foil, PVC Jkt, CL2, 120Ω
05-05-2023
8142 BELDEN-8142 Datasheet
165Kb / 2P
RS232/485 Low Cap, #28-12.5pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
05-05-2023
8142FO BELDEN-8142FO Datasheet
164Kb / 2P
RS232/485 Low Cap, #28-12.5pr, FPO, O/A Foil, PVC Jkt, CL2, 120Ω
05-05-2023
8155 BELDEN-8155 Datasheet
157Kb / 2P
RS232/485 Low Cap, #28-25pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
05-05-2023
8135 BELDEN-8135 Datasheet
158Kb / 2P
RS232/485 Low Cap, #28-5pr, FPE, O/A FoilBraid, PVC Jkt, CL2, 120Ω
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com