Electronic Components Datasheet Search
  English  ▼

X  

AM10E Datasheet(PDF) 2 Page - AIMTEC

Part # AM10E
Description  10 watt dc-dc converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM10E Datasheet(HTML) 2 Page - AIMTEC

  AM10E Datasheet HTML 1Page - AIMTEC AM10E Datasheet HTML 2Page - AIMTEC AM10E Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VISIT US AT WWW.AIMTEC.CA
AM10E Series
MODELS
Single output
Input Voltage
Ouput Voltage
Ouput Current max.
OUTLINE DIMENSIONS & PIN CONNECTIONS
Pin
Single
Dual
-V Input
+V Input
-V Output
No Pin
+V Output
-V Input
+V Input
-V Output
Common
+V Output
1
2
3
4
5
AM10E-1203S
AM10E-1205S
AM10E-1207S
AM10E-1209S
AM10E-1212S
AM10E-1215S
AM10E-1218S
AM10E-1224S
AM10E-2403S
AM10E-2405S
AM10E-2407S
AM10E-2409S
AM10E-2412S
AM10E-2415S
AM10E-2418S
AM10E-2424S
AM10E-4803S
AM10E-4805S
AM10E-4807S
AM10E-4809S
AM10E-4812S
AM10E-4815S
AM10E-4818S
AM10E-4824S
9 - 18VDC
18 - 36VDC
36 - 72VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
3.3VDC
5VDC
7.2VDC
9VDC
12VDC
15VDC
18VDC
24VDC
2500mA
2000mA
1380mA
1111mA
833mA
666mA
550mA
416mA
2500mA
2000mA
1380mA
1111mA
833mA
666mA
550mA
416mA
2500mA
2000mA
1380mA
1111mA
833mA
666mA
550mA
416mA
Continued on next page
Models



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com