Electronic Components Datasheet Search
  English  ▼

X  

GRF2014 Datasheet(PDF) 4 Page - Guerrilla RF, Inc.

Part # GRF2014
Description  Broadband Linear Gain Block 0.05 to 3.8 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GUERRILLA [Guerrilla RF, Inc.]
Direct Link  https://www.guerrilla-rf.com/
Logo GUERRILLA - Guerrilla RF, Inc.

GRF2014 Datasheet(HTML) 4 Page - Guerrilla RF, Inc.

  GRF2014 Datasheet HTML 1Page - Guerrilla RF, Inc. GRF2014 Datasheet HTML 2Page - Guerrilla RF, Inc. GRF2014 Datasheet HTML 3Page - Guerrilla RF, Inc. GRF2014 Datasheet HTML 4Page - Guerrilla RF, Inc. GRF2014 Datasheet HTML 5Page - Guerrilla RF, Inc. GRF2014 Datasheet HTML 6Page - Guerrilla RF, Inc. GRF2014 Datasheet HTML 7Page - Guerrilla RF, Inc. GRF2014 Datasheet HTML 8Page - Guerrilla RF, Inc. GRF2014 Datasheet HTML 9Page - Guerrilla RF, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
GRF2014
Guerrilla RF Proprietary Information. Guerrilla RFTM and the composite logo of Guerrilla RFTM are trademarks of Guerrilla RF, Inc. ©2014 Guerrilla RF, Inc. All rights reserved.
Revision Date: 05/31/19
Please contact Guerrilla RF at (+1) 336-510-7840 or sales@guerrilla-rf.com
Released
Broadband Linear Gain Block
0.05 to 3.8 GHz
Nominal Operating Parameters:
Parameter
Symbol
Specification
Unit
Condition
Min.
Typ.
Max.
Test Frequency
FTEST
900
MHz
VDD = 5.0 V, TA = 25°C
Gain
S21
14.9
15.9
dB
Evaluation Board Noise Figure
NF
3.4
dB
Output 3rd Order Intercept
OIP3
43.5
dBm
+2.0 dBm POUT per tone at 2 MHz
Spacing (899 and 901 MHz)
Output 1dB Compression Power
OP1dB
22.5
24.0
dBm
Switching Rise Time
TRISE
200
ns
Switching Fall Time
TFALL
200
ns
Supply Current
IDD
150
mA
Enable Current
IENABLE
5.5
mA
Disabled Mode
Leakage Current
ILEAKAGE
800
uA
VDD: 5.0V; VENABLE: 0.0V
Thermal Data
Thermal Resistance: (Infra-Red Scan)
jc
38
ᵒC/W
On standard Evaluation Board
Channel Temperature @ +85 C Reference
(Package heat sink)
TCHANNEL
114
(See note)
ᵒC
VDD: 5.0 V; IDDQ: 150 mA; No RF;
PDISS: 750 mW
Note: MTTF >10^6 hours for TCHANNEL < =170 degrees C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com