Electronic Components Datasheet Search
  English  ▼

X  

PDTA115TT Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PDTA115TT
Description  PNP resistor-equipped transistors; R1 = 100 kW, R2 = open
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTA115TT Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PDTA115TT Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTA115TT Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTA115TT Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTA115TT Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTA115TT Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTA115TT Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTA115TT Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTA115TT Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTA115TT Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
1.
Product profile
1.1 General description
PNP resistor-equipped transistors.
[1]
Also available in SOT54A and SOT54 variant packages (see Section 2)
1.2 Features
1.3 Applications
1.4 Quick reference data
PDTA115T series
PNP resistor-equipped transistors; R1 = 100 k
Ω, R2 = open
Rev. 05 — 2 September 2009
Product data sheet
Table 1.
Product overview
Type number
Package
NPN complement
NXP
JEITA
PDTA115TE
SOT416
SC-75
PDTC115TE
PDTA115TK
SOT346
SC-59
PDTC115TK
PDTA115TM
SOT883
SC-101
PDTC115TM
PDTA115TS[1]
SOT54 (TO-92)
SC-43A
PDTC115TS
PDTA115TT
SOT23
-
PDTC115TT
PDTA115TU
SOT323
SC-70
PDTC115TU
I Built-in bias resistors
I Reduces component count
I Simplifies circuit design
I Reduces pick and place costs
I General purpose switching and
amplification
I Circuit drivers
I Inverter and interface circuits
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
−50
V
IO
output current (DC)
-
-
−100
mA
R1
bias resistor 1 (input)
70
100
130
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com