Electronic Components Datasheet Search
  English  ▼

X  

PDTC124EE Datasheet(PDF) 11 Page - Nexperia B.V. All rights reserved

Part # PDTC124EE
Description  PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC124EE Datasheet(HTML) 11 Page - Nexperia B.V. All rights reserved

Back Button PDTC124EE Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC124EE Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC124EE Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTC124EE Datasheet HTML 10Page - Nexperia B.V. All rights reserved PDTC124EE Datasheet HTML 11Page - Nexperia B.V. All rights reserved PDTC124EE Datasheet HTML 12Page - Nexperia B.V. All rights reserved PDTC124EE Datasheet HTML 13Page - Nexperia B.V. All rights reserved PDTC124EE Datasheet HTML 14Page - Nexperia B.V. All rights reserved PDTC124EE Datasheet HTML 15Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
PDTA124E_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 25 November 2011
10 of 17
NXP Semiconductors
PDTA124E series
PNP resistor-equipped transistors; R1 = 22 k
, R2 = 22 k
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
11. Soldering
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
5000
10000
PDTA124EE
SOT416
4 mm pitch, 8 mm tape and reel
-115
-
-135
PDTA124EM
SOT883
2 mm pitch, 8 mm tape and reel
-
-
-315
PDTA124ET
SOT23
4 mm pitch, 8 mm tape and reel
-215
-
-235
PDTA124EU
SOT323
4 mm pitch, 8 mm tape and reel
-115
-
-135
Reflow soldering is the only recommended soldering method.
Fig 16. Reflow soldering footprint PDTA124EE (SOT416/SC-75)
solder lands
solder resist
occupied area
solder paste
sot416_fr
0.85
1.7
2.2
2
0.5
(3
×)
0.6
(3
×)
1
1.3
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com