Electronic Components Datasheet Search
  English  ▼

X  

PDTC124EU Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # PDTC124EU
Description  PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC124EU Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button PDTC124EU Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC124EU Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC124EU Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC124EU Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC124EU Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC124EU Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTC124EU Datasheet HTML 10Page - Nexperia B.V. All rights reserved PDTC124EU Datasheet HTML 11Page - Nexperia B.V. All rights reserved PDTC124EU Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
PDTA124E_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 25 November 2011
7 of 17
NXP Semiconductors
PDTA124E series
PNP resistor-equipped transistors; R1 = 22 k
, R2 = 22 k
7.
Characteristics
[1]
Characteristics of built-in transistor
Table 8.
Characteristics
Tamb =25 C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB = 50 V; IE =0 A
-
-
100
nA
ICEO
collector-emitter
cut-off current
VCE = 30 V; IB =0 A
-
-
100
nA
VCE = 30 V; IB =0 A;
Tj = 150 C
--
5
A
IEBO
emitter-base cut-off
current
VEB = 5V; IC =0A
-
-
180
A
hFE
DC current gain
VCE = 5V; IC = 5mA
60
-
-
VCEsat
collector-emitter
saturation voltage
IC = 10 mA; IB = 0.5 mA
-
-
150
mV
VI(off)
off-state input voltage
VCE = 5V; IC = 100 A-
1.1
0.8
V
VI(on)
on-state input voltage
VCE = 0.3 V; IC = 5mA
2.5
1.7
-
V
R1
bias resistor 1 (input)
15.4
22
28.6
k
R2/R1
bias resistor ratio
0.8
1
1.2
Cc
collector capacitance
VCB = 10 V; IE =ie =0A;
f= 1MHz
--
3
pF
fT
transition frequency
VCE = 5V; IC = 10 mA;
f = 100 MHz
[1]
-180
-MHz
VCE = 5V
(1) Tamb = 100 C
(2) Tamb =25 C
(3) Tamb = 40 C
IC/IB =20
(1) Tamb = 100 C
(2) Tamb =25 C
(3) Tamb = 40 C
Fig 6.
DC current gain as a function of collector
current; typical values
Fig 7.
Collector-emitter saturation voltage as a
function of collector current; typical values
IC (mA)
-10-1
-102
-10
-1
006aac800
102
10
103
hFE
1
(1)
(2)
(3)
006aac801
IC (mA)
-10-1
-102
-10
-1
-10-1
-1
VCEsat
(V)
-10-2
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com