Electronic Components Datasheet Search
  English  ▼

X  

PDTC124TE Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PDTC124TE
Description  PNP resistor-equipped transistors; R1 = 22 kΩ, R2 = open
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC124TE Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PDTC124TE Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC124TE Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC124TE Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC124TE Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC124TE Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC124TE Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC124TE Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC124TE Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC124TE Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
2004 Aug 04
4
NXP Semiconductors
Product data sheet
PNP resistor-equipped transistors;
R1 = 22 k
Ω, R2 = open
PDTA124T series
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1.
Refer to standard mounting conditions.
2.
Reflow soldering is the only recommended soldering method.
3.
Refer to SOT883 standard mounting conditions; FR4 with 60
μm copper strip line.
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PDTA124TE
−
plastic surface mounted package; 3 leads
SOT416
PDTA124TEF
−
plastic surface mounted package; 3 leads
SOT490
PDTA124TK
−
plastic surface mounted package; 3 leads
SOT346
PDTA124TM
−
leadless ultra small plastic package; 3 solder lands; body
1.0
× 0.6 × 0.5 mm
SOT883
PDTA124TS
−
plastic single-ended leaded (through hole) package; 3 leads
SOT54
PDTA124TT
−
plastic surface mounted package; 3 leads
SOT23
PDTA124TU
−
plastic surface mounted package; 3 leads
SOT323
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
−50
V
VCEO
collector-emitter voltage
open base
−
−50
V
VEBO
emitter-base voltage
open collector
−
−5
V
IO
output current (DC)
−
−100
mA
ICM
peak collector current
−
−100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT23
note 1
−
250
mW
SOT54
note 1
−
500
mW
SOT323
note 1
−
200
mW
SOT346
note 1
−
250
mW
SOT416
note 1
−
150
mW
SOT490
notes 1 and 2
−
250
mW
SOT883
notes 2 and 3
−
250
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com