Electronic Components Datasheet Search
  English  ▼

X  

ISL78022 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL78022
Description  Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL78022 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL78022 Datasheet HTML 9Page - Renesas Technology Corp ISL78022 Datasheet HTML 10Page - Renesas Technology Corp ISL78022 Datasheet HTML 11Page - Renesas Technology Corp ISL78022 Datasheet HTML 12Page - Renesas Technology Corp ISL78022 Datasheet HTML 13Page - Renesas Technology Corp ISL78022 Datasheet HTML 14Page - Renesas Technology Corp ISL78022 Datasheet HTML 15Page - Renesas Technology Corp ISL78022 Datasheet HTML 16Page - Renesas Technology Corp ISL78022 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
ISL78020, ISL78022
FN6386 Rev 3.00
Page 13 of 19
December 23, 2013
FIGURE 18. VON FUNCTIONAL BLOCK DIAGRAM
FIGURE 19. VOFF FUNCTIONAL BLOCK DIAGRAM
The VON power supply is used to power the positive supply of
the row driver in the LCD panel. The DC/DC consists of an
external diode-capacitor charge pump powered from the
inductor (LX) of the boost converter, followed by a low dropout
linear regulator (LDO_ON). The LDO_ON regulator uses an
external PNP transistor as the pass element. The on-board
LDO controller is a wide band (>10MHz) transconductance
amplifier capable of 5mA output current, which is sufficient for
up to 50mA or more output current under the low dropout
condition (forced beta of 10). Typical VON voltage supported by
ISL78020 and ISL78022 ranges from +15V to +36V. A fault
comparator is also included for monitoring the output voltage.
The undervoltage threshold is set at 25% below the 1.2V
reference.
The VOFF power supply is used to power the negative supply
of the row driver in the LCD panel. The DC/DC consists of an
external diode-capacitor charge pump powered from the
inductor (LX) of the boost converter, followed by a low dropout
linear regulator (LDO_OFF). The LDO_OFF regulator uses an
external NPN transistor as the pass element. The on-board
LDO controller is a wide band (>10MHz) transconductance
amplifier capable of 5mA output current, which is sufficient for
up to 50mA or more output current under the low dropout
condition (forced beta of 10). Typical VOFF voltage supported
by ISL78020 and ISL78022 ranges from -5V to -25V. A fault
comparator is also included for monitoring the output voltage.
The undervoltage threshold is set at 200mV above the 0.2V
reference level.
Set-up Output Voltage
Refer to “Typical Application Circuit” on page 18, the output
voltages of VON, VOFF and VLOGIC are determined by
Equations 10 and 11:
Where: VREF = 1.2V, VREFN = 0.2V.
High Charge Pump Output Voltage (>36V)
Applications
In the applications where the charge pump output voltage is
over 36V, an external NPN transistor needs to be inserted in
between the DRVP pin and the base of pass transistor Q3 as
shown in Figure 20, or the linear regulator can control only one
stage charge pump and regulate the final charge pump output,
as shown in Figure 21.
-
+
-
+
36V
ESD
CLAMP
GMP
LDO_ON
PG_LDOP
1: Np
FBP
DRVP
700
RBP
VBOOST
0.1µF
0.1µF
CP (TO 36V)
20k
RP2
RP1
CON
VON (TO 35V)
LX
0.9V
-
+
-
+
36V
ESD
CLAMP
GMN
LDO_OFF
1: Nn
FBN
DRVN
0.1µF
0.1µF
CP (TO -26V)
RBN
COFF
VOFF (TO -20V)
LX
RN1
RN2
20k
VREF
PG_LDON
0.4V
700
VON
VREF
1
R12
R11
----------
+



=
(EQ. 10)
VOFF
VREFN
R22
R21
----------
VREFN VREF
–

+
=
(EQ. 11)
VIN
OR VBOOST
CHARGE PUMP
OUTPUT
700
Q11
FBP
DRVP
NPN
CASCODE
TRANSISTOR
ISL7802x
VON
FIGURE 20. CASCODE NPN TRANSISTOR CONFIGURATION
FOR HIGH CHARGE PUMP OUTPUT VOLTAGE
(>36V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com