Electronic Components Datasheet Search
  English  ▼

X  

ISL78083 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL78083
Description  Automotive Camera Power Management IC with Three Synchronous Buck Regulators and One Low Dropout Linear Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL78083 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL78083 Datasheet HTML 9Page - Renesas Technology Corp ISL78083 Datasheet HTML 10Page - Renesas Technology Corp ISL78083 Datasheet HTML 11Page - Renesas Technology Corp ISL78083 Datasheet HTML 12Page - Renesas Technology Corp ISL78083 Datasheet HTML 13Page - Renesas Technology Corp ISL78083 Datasheet HTML 14Page - Renesas Technology Corp ISL78083 Datasheet HTML 15Page - Renesas Technology Corp ISL78083 Datasheet HTML 16Page - Renesas Technology Corp ISL78083 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
ISL78083
2. Specifications
R33DS0007EU0100 Rev.1.00
Page 13 of 33
Nov.15.19
2.7
LDO4 Electrical Specifications
VOUT3 Overvoltage Threshold
(Notes 9, 11)
VFB3(OV) VFB3 rising. Factory options: +4%, +6%, +12%
1.279
(+6.58%)
1.296
(+8%)
1.315
(+9.58%)
V
VFB3 falling hysteresis
-0.4%
-0.8%
-1.2%
%
Undervoltage Fault Delay
FB2 > VFB2 (UV), or FB3 > VFB3 (UV)
Factory option additional 10µs delay
2µs
Output Current Protection
Overcurrent Limit, Cycle-by-Cycle
(Note 12)
I2(LIM),
I3(LIM)
1.17
A
Overcurrent Hiccup Mode Delay
100
Cycles
Negative Current Limit
I2(NLIM),
I3(NLIM)
-0.99
-0.8
-0.60
A
Feedback Pin
FB2, FB3 Pin Input Impedance
RFB2,
RFB3
36
kΩ
Buck2 Soft-Start Ramp Time
VOUT2 = 1.8V
1.2
ms
Buck3 Soft-Start Ramp Time
VOUT3 = 1.2V
0.85
ms
Power MOSFETs
High-Side PMOS Switch
On-Resistance
IPHASE2,3 = 100mA, VIN2/3 = 3.8V
152
232
370
mΩ
Low-Side NMOS Switch
On-Resistance
IPHASE2,3 = 100mA, VIN2/3 = 3.8V
87
140
260
mΩ
PHASE2, PHASE3 Maximum Duty
Cycle
90
%
PHASE2, PHASE3 Minimum
On-Time
100
ns
TJ = -40°C to +150°C, VIN1 = 4V to 42V, unless otherwise noted. Typical values are at TJ = +50°C. Boldface limits apply across the
junction temperature range -40°C ≤ TJ ≤ +150°C.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Supply
Input Voltage Range
VIN4
Connected to VOUT1, VIN2/3
3.3
5.5
V
Output Regulation
Output Voltage (Note 9)VLDOOUT4 Factory option 3.3V.
VIN2/3 = 3.8V, ILDOOUT4 = 100mA
3.260
(-1.21%)
3.29
3.332
(+0.96)
V
Dropout Voltage
ILDOOUT4 = 300mA, 2% drop at LDOOUT4
102
210
mV
Power Supply Rejection Ratio
At 1kHz, TA = 25°C,
“Typical Application Schematic” on page 4,
LDOIN4 = 3.8V, LDOOUT4 = 3.3V at 300mA
55
dB
LDOOUT4 Soft-Start Ramp Time
LDOOUT4 = 3.3V; CLDOOUT4 = 1µF
1.55
ms
Output Voltage Protection
Undervoltage Threshold
(Notes 9, 11)
VLDO4(UV) LDOOUT4 falling. Factory options: -4%, -6%, -12%
3.008
(-8.85%)
3.036
(-8%)
3.073
(-6.88%)
V
LDOOUT4 rising hysteresis
+0.4%
+0.8%
+1.2%
%
Overvoltage Threshold (Notes 9, 11)VLDO4(OV) LDOOUT4 rising. Factory options -4%, -6%, -12%
3.529
(+6.94%)
3.564
(+8%)
3.609
(+9.36%)
V
VLDOOUT4 falling hysteresis
-0.4%
-0.8%
-1.2%
%
TJ = -40°C to +150°C, VIN1 = 4V to 42V, unless otherwise noted. Typical values are at TJ = +50°C. Boldface limits apply across the
junction temperature range -40°C ≤ TJ ≤ +150°C. (Continued)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com