Electronic Components Datasheet Search
  English  ▼

X  

ISL85014 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ISL85014
Description  14A, 3.8V to 18V Input, Synchronous Buck Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL85014 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ISL85014 Datasheet HTML 14Page - Renesas Technology Corp ISL85014 Datasheet HTML 15Page - Renesas Technology Corp ISL85014 Datasheet HTML 16Page - Renesas Technology Corp ISL85014 Datasheet HTML 17Page - Renesas Technology Corp ISL85014 Datasheet HTML 18Page - Renesas Technology Corp ISL85014 Datasheet HTML 19Page - Renesas Technology Corp ISL85014 Datasheet HTML 20Page - Renesas Technology Corp ISL85014 Datasheet HTML 21Page - Renesas Technology Corp ISL85014 Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
ISL85014
FN8925 Rev.3.00
Page 18 of 21
Nov 11, 2021
The simplified transfer function is derived in Equation 15:
where:
Note that Co is the actual capacitance seen by the regulator,
which may include ceramic high frequency decoupling and bulk
output capacitors. Ceramic capacitors may have to be derated by
approximately 40% depending on dielectric, voltage stress, and
temperature.
Usually, a Type II compensation network is used to compensate
the peak current mode control converter. Figure 40 shows a
typical Type II compensation network and its transfer function is
expressed in Equation 17. The frequency response is shown in
Figure 41.
where:
Design example: VIN = 12V, VO = 1.8V, IO = 14A, fSW = 600kHz,
R1 = 200kΩ, R2 = 100kΩ, Co = 4x100µF/3mΩ 6.3V ceramic
(actually ~200µF), L = 0.68µH,
Select fc = 60kHz. The gain of the Gp(s)xAv(s) should have a unity
gain at crossover frequency. Thus, R3 can be derived as:
Select 800kΩ for R3. Place the zero fz1 around the pole fp to
achieve -20db/dec roll off.
where Rc is the ESR of the output capacitor.
Select 30pF for C2. Zero fz2 is a phase boost zero to increase the
phase margin. Place it between fc and 1/2 switching frequency.
In this case, the ESR zero is calculated to determine if a
feed-forward capacitor is required to introduce phase boost.
Since the ESR zero falls between fc and 1/2 switching frequency,
an additional zero using C1 may not be required. The calculated
values for R1, R2, R3, and C2 match with the 1.8V output
application in the recommended design with internal
compensation shown in Table 1 on page 2. Do not select
resistance higher than 370kΩ for R1 in real applications, since it
will result in a very small C1, which might be overwhelmed by
parasitic capacitances.
In practice, it is recommended to select lower resistance for
R1/R2 and R3 in the external compensation applications.
Usually, 10 times lower compared with the internal
compensation is a good start.
FIGURE 38. POWER TRAIN SMALL SIGNAL MODEL
FIGURE 39. POWER TRAIN SMALL FREQUENCY RESPONSE
FIGURE 40. TYPE II COMPENSATION NETWORK
+
-
1/Rt
iL
Co
Vcomp
vo
Rc
Ro
^
^
^
Gdc
fp
fZ
fC
Gp S

vˆo
vˆcomp
-----------------
Gdc
1
S
z
------
+
1
S
p
-------
+
-----------------
=
=
(EQ. 15)
Gdc
Ro
Rt
-------
z
;
=
2
fz
1
RcxCo
------------------
p
;
2
fp
1
Ro Rc
+
xC
o
-------------------------------------
==
=
=
(EQ. 16)
+
-
VOUT
R1
R2
R3
C1
C2
Vcomp
VFB
VREF
FIGURE 41. TYPE II COMPENSATION FREQUENCY RESPONSE
Av S

vˆcomp
vˆo
-----------------
1
S
cz1
-------------
+

 1
S
cz2
-------------
+


SC2R1
---------------------------------------------------------
=
=
(EQ. 17)
cz1
2
f
z1
1
R3C2
---------------
cz2
2
f
z2
=
1
R1C1
--------------- fpc
1
2
R
1C2
----------------------
==
=
=
R3/R1
fp
fZ2
fC
fZ1
fpc
R3
2
f
cCoRtR1
829k
==
(EQ. 18)
C2
Ro Rc
+
xC
o
R3
--------------------------------------
33pF
=
=
(EQ. 19)
fzesr
1
2
R
cCo
----------------------
265kHz
==
(EQ. 20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com