Electronic Components Datasheet Search
  English  ▼

X  

BC161 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BC161
Description  PNP medium power transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC161 Datasheet(HTML) 4 Page - NXP Semiconductors

  BC161 Datasheet HTML 1Page - NXP Semiconductors BC161 Datasheet HTML 2Page - NXP Semiconductors BC161 Datasheet HTML 3Page - NXP Semiconductors BC161 Datasheet HTML 4Page - NXP Semiconductors BC161 Datasheet HTML 5Page - NXP Semiconductors BC161 Datasheet HTML 6Page - NXP Semiconductors BC161 Datasheet HTML 7Page - NXP Semiconductors BC161 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1997 May 12
4
Philips Semiconductors
Product specification
PNP medium power transistors
BC160; BC161
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −40 V
−−10
−100
nA
IE = 0; VCB = −40 V; Tj = 150 °C
−−10
−100
µA
IEBO
emitter cut-off current
IC = 0; VEB = −5V
−−−100
nA
hFE
DC current gain
IC = −100 µA; VCE = −1V
BC160-10; BC161-10
−
80
−
BC160-16; BC161-16
−
120
−
hFE
DC current gain
IC = −100 mA; VCE = −1V
BC160-10; BC161-10
63
100
160
BC160-16; BC161-16
100
160
250
hFE
DC current gain
IC = −1 A; VCE = −1V
BC160-10; BC161-10
−
20
−
BC160-16; BC161-16
−
30
−
VCEsat
collector-emitter saturation voltage
IC = −1 A; IB = −100 mA
−−0.6
−1V
VBE
base-emitter voltage
IC = −1 A; VCE = −1V
−−1
−1.7
V
Cc
collector capacitance
IE =ie = 0; VCB = −10 V; f = 1 MHz
−−
30
pF
Ce
emitter capacitance
IC =ic = 0; VEB = −0.5 V; f = 1 MHz
−−
180
pF
fT
transition frequency
IC = −50 mA; VCE = −10 V;
f = 100 MHz
50
−−
MHz
Switching times (between 10% and 90% levels)
ton
turn-on time
ICon = −100 mA; IBon = −5 mA;
IBoff =5mA
−−
500
ns
toff
turn-off time
−−
650
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com