Electronic Components Datasheet Search
  English  ▼

X  

3682 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 3682
Description  Precision Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3682 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  3682 Datasheet HTML 1Page - Bourns Electronic Solutions 3682 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3680 Family - Precision Potentiometer
Resistance
3681S-1
3682S-1
3683S-1
3684S-1
3685S-1
(Ω)
123
4
5
Decade
Decade
Decade
Decade
Decade
50
-500L
100
-101L
200
-201L
500
-501L
-501L
1,000
-102L
-102L
-102L
2,000
-202L
-202L
-202L
5,000
-502L
-502L
-502L
10 K
-103L
-103L
-103L
-103L
20 K
-203L
-203L
-203L
50 K
-503L
-503L
-503L
100 K
-104L
-104L
-104L
-104L
-104L
500 K
-504L
-504L
-504L
1 Meg
-105L
-105L
-105L
-105L
Recommended Part Numbers
BOLDFACE LISTINGS ARE IN STOCK AND READILY
AVAILABLE THROUGH DISTRIBUTION.
FOR OTHER OPTIONS CONSULT FACTORY.
TERMINALS:
L = RoHS COMPLIANT
BLANK = STANDARD
REV. 06/06



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com