Electronic Components Datasheet Search
  English  ▼

X  

BC369 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BC369
Description  PNP medium power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC369 Datasheet(HTML) 3 Page - NXP Semiconductors

  BC369 Datasheet HTML 1Page - NXP Semiconductors BC369 Datasheet HTML 2Page - NXP Semiconductors BC369 Datasheet HTML 3Page - NXP Semiconductors BC369 Datasheet HTML 4Page - NXP Semiconductors BC369 Datasheet HTML 5Page - NXP Semiconductors BC369 Datasheet HTML 6Page - NXP Semiconductors BC369 Datasheet HTML 7Page - NXP Semiconductors BC369 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 26
3
Philips Semiconductors
Product specification
PNP medium power transistor
BC369
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
150
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −25 V
−−100
nA
IE = 0; VCB = −25 V; Tj = 150 °C
−−10
µA
IEBO
emitter cut-off current
IC = 0; VEB = −5V
−−100
nA
hFE
DC current gain
IC = −5 mA; VCE = −10 V
50
−
IC = −500 mA; VCE = −1 V; see Fig.2
85
375
IC = −1 A; VCE = −1 V; see Fig.2
60
−
DC current gain
IC = −500 mA; VCE = −1 V; see Fig.2
BC369-16
100
250
BC369-25
160
375
VCEsat
collector-emitter saturation voltage
IC = −1 A; IB = −100 mA
−−0.5
V
VBE
base-emitter voltage
IC = −5 mA; VCE = −10 V
−−0.7
V
IC = −1 A; VCE = −1V
−−1V
fT
transition frequency
IC = −10 mA; VCE = −5 V; f = 100 MHz 40
−
MHz
DC current gain ratio of the
complementary pairs
I
C = 500 mA; VCE =1V
−
1.6
h
FE1
h
FE2
-----------



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com