Electronic Components Datasheet Search
  English  ▼

X  

BC516 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BC516
Description  PNP Darlington transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC516 Datasheet(HTML) 3 Page - NXP Semiconductors

  BC516 Datasheet HTML 1Page - NXP Semiconductors BC516 Datasheet HTML 2Page - NXP Semiconductors BC516 Datasheet HTML 3Page - NXP Semiconductors BC516 Datasheet HTML 4Page - NXP Semiconductors BC516 Datasheet HTML 5Page - NXP Semiconductors BC516 Datasheet HTML 6Page - NXP Semiconductors BC516 Datasheet HTML 7Page - NXP Semiconductors BC516 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 23
3
Philips Semiconductors
Product specification
PNP Darlington transistor
BC516
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
250
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −30 V
−−
−100 nA
IEBO
emitter cut-off current
IC = 0; VEB = −10 V
−−
−100 nA
hFE
DC current gain
IC = −20 mA; VCE = −2 V; see Fig.2
30000
−−
VCEsat
collector-emitter saturation voltage IC = −100 mA; IB = −0.1 mA
−−
−1V
VBEsat
base-emitter saturation voltage
IC = −100 mA; IB = −0.1 mA
−−
−1.5
V
VBEon
base-emitter on-state voltage
IC = −10 mA; VCE = −5V
−−
−1.4
V
fT
transition frequency
IC = −30 mA; VCE = −5 V; f = 100 MHz −
220
−
MHz
handbook, full pagewidth
0
100000
20000
40000
60000
80000
hFE
MGD836
−1
−10
IC (mA)
−102
−103
Fig.2 DC current gain; typical values.
VCE = −2V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com