Electronic Components Datasheet Search
  English  ▼

X  

L91 Datasheet(PDF) 2 Page - Energizer

Part # L91
Description  1.5 Volts 14.5 grams (0.5 oz.) 8.0 cubic centimeters (0.5 cubic inch)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENERGIZER [Energizer]
Direct Link  http://www.energizer.com
Logo ENERGIZER - Energizer

L91 Datasheet(HTML) 2 Page - Energizer

  L91 Datasheet HTML 1Page - Energizer L91 Datasheet HTML 2Page - Energizer  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Industry Standard Tests @ 20º C
Contents herein do not constitute a warranty.
Important Notice
ENERGIZER NO. L91
© Energizer - All Rights Reserved
This data sheet contains information specific to batteries manufactured at the time of its publication.
ENGINEERING DATASHEET
REMOTE
24 ohm - 15 spm - 8 hr/day
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0
1020
304050
Service, Hours
CD / MD / ELEC GAME
250 mA - 1 hr/day
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
02468
10
12
14
Service, Hours
TOY
3.9 ohm - 1 hr/day
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
02
46
8
10
Service, Hours
LIGHTING
3.3 ohm - LIF
TOY
LIGHTING
Typical Percent Service
0
25
50
75
100
125
-20
-10
0
10
20
30
40
Temperature (C)
RADIO
43 ohm - 4 hours/day
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0
2040
6080
100
Service, Hours
DIGITAL CAMERA
1.5/.65k mW 2/28s 10X/hr
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0
50
100
150
200
250
300
350
Service, Minutes
CAMERA
PHOTO
PHOTO
1000 mA 10 sec/min 1hr/day
PHOTO
1000 mA 10 sec/min 1hr/day
TAPE PLAYER
10 Ohm - 1 hour/day
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0369
12
15
18
21
24
Service, Hours
Projected Percent Service Maintenance
50
60
70
80
90
100
03
69
12
15
Years
0ºC
60ºC
40ºC
20ºC
Temperature Effects
EVEREADY BATTERY COMPANY, INC.
www.energizer.com
Form No. EBC - 4201J
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com