Electronic Components Datasheet Search
  English  ▼

X  

B45294 Datasheet(PDF) 1 Page - EPCOS

Part # B45294
Description  Tantalum Chip Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45294 Datasheet(HTML) 1 Page - EPCOS

  B45294 Datasheet HTML 1Page - EPCOS B45294 Datasheet HTML 2Page - EPCOS B45294 Datasheet HTML 3Page - EPCOS B45294 Datasheet HTML 4Page - EPCOS B45294 Datasheet HTML 5Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
75
02/04
Tantalum Chip Capacitors
Polymer; Low Profile; Hmax = 2,0 mm; Ultra-Low ESR
New series
Construction
■ Polar tantalum capacitors with solid electrolyte
■ Tantalum polymer technology
(cathode consists of a solid conductive polymer)
■ Flame-retardant plastic case (UL 94 V-0)
■ Tinned terminals
■ Maximum height 2,0 mm
Features
■ High volumetric efficiency
■ Ultra-low ESR
■ Excellent solderability
■ Stable temperature and frequency characteristics
■ High ESR stability during temperature rise
■ High permissible ripple current
■ Only low derating necessary
■ Low self-inductance
■ High resistance to shock and vibration
■ No failure-mode ignition in high-surge current applications
■ Suitable for use without series resistor
(recommended operating voltage 0,8 · VR)
■ Operating temperature – 55 … + 105
°C
Applications
■ Telecommunications (e.g. mobile phones, private branch exchanges, PDA)
■ Data processing (e.g. laptops, main frames)
■ Measuring and control engineering
■ Automotive electronics (e. g. navigation systems, convenience electronics)
■ Medical engineering
■ Switch-mode power supplies with very high clock frequencies (300 kHz)
■ DC/DC converters
Soldering
Suitable for reflow soldering (IR and vapor phase) and wave soldering
Delivery mode
Taped and reeled in accordance with IEC 60286-3
B45294
B45294.fm Seite 75 Montag, 9. Februar 2004 9:36 09


Similar Part No. - B45294

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294R0227M406 EPCOS-B45294R0227M406 Datasheet
249Kb / 5P
Tantalum Chip Capacitors
B45294R0227M409 EPCOS-B45294R0227M409 Datasheet
249Kb / 5P
Tantalum Chip Capacitors
B45294R0227M416 EPCOS-B45294R0227M416 Datasheet
249Kb / 5P
Tantalum Chip Capacitors
B45294R0227M419 EPCOS-B45294R0227M419 Datasheet
249Kb / 5P
Tantalum Chip Capacitors
B45294R0227M426 EPCOS-B45294R0227M426 Datasheet
249Kb / 5P
Tantalum Chip Capacitors
More results

Similar Description - B45294

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
TANTALUM CHIP CAPACITORS
B45196L KEMET-B45196L Datasheet
908Kb / 16P
Tantalum Chip Capacitors
B45196P KEMET-B45196P Datasheet
594Kb / 15P
Tantalum Chip Capacitors
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A Datasheet
105Kb / 12P
Chip tantalum capacitors
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
Chip tantalum capacitors
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
Tantalum Chip Capacitors
logo
Rohm
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
Chip tantalum capacitors
2022.6.3 - Rev.005
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com