Electronic Components Datasheet Search
  English  ▼

X  

8205 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8205
Description  Electronic, 2 C #20 Str TC, PVC Ins, PVC Jkt, CMG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8205 Datasheet(HTML) 1 Page - Belden Inc.

  8205 Datasheet HTML 1Page - Belden Inc. 8205 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8205
Electronic, 2 C #20 Str TC, PVC Ins, PVC Jkt, CMG
Product Description
Electronic, 2 Conductor 20AWG (7x28) Tinned Copper, PVC Insulation, PVC Outer Jacket, CMG
Technical Specifications
Product Overview
Suitable Applications:
low voltage analog signals (4-20ma, 0-10v, ...); low voltage digital control (24v, …); line level audio; computer communication; panel wiring
Construction Details
Conductor
Element Number of Element
Size
Stranding
Material
Pair(s)
1
20 AWG 7x28
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter Color Code
Pair(s)
PVC - Polyvinyl Chloride 0.015 in (0.38 mm) 0.065 in (1.7 mm)
Black & Red
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.025 in (0.64 mm) 0.180 in (4.57 mm)
Overall Cable Diameter (Nominal): 0.180 in (4.57 mm)
Electrical Characteristics
Electricals
Element Nom. Conductor DCR Nom. Capacitance Cond-to-Cond
Max. Current
Pair(s)
11.1 Ohm/1000ft
24.5 pF/ft (80.4 pF/m)
3.7 Amps per Conductor at 20ºC
Voltage
UL Voltage Rating
300 V (CMG)
Mechanical Characteristics
Temperature
UL Temperature
Operating
60°C
-20°C to +60°C
Bend Radius
Stationary Min. Installation Min.
1.8 in (46 mm)
1.8 in (46 mm)
Max. Pull Tension:
25.2 lbs (11.4 kg)
Bulk Cable Weight:
16 lbs/1000ft
Standards and Compliance


Similar Part No. - 8205

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8205 ALLEGRO-8205 Datasheet
122Kb / 8P
LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
December 6, 1999
logo
VBsemi Electronics Co.,...
8205 VBSEMI-8205 Datasheet
963Kb / 8P
Dual N-Channel 25-V (D-S) MOSFET
logo
Shenzhen Tuofeng Semico...
8205 TUOFENG-8205 Datasheet
1Mb / 6P
Dual N-Channel MOSFET
Oct 2020 V1.1
logo
ASM GmbH
8205-10 ASM-SENSOR-8205-10 Datasheet
992Kb / 4P
MICRO HiCORDER
logo
Intel Corporation
82050 INTEL-82050 Datasheet
834Kb / 14P
ASYNCHRONOUS COMMUICATIONS CONTROLLER
More results

Similar Description - 8205

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8461 BELDEN-8461 Datasheet
250Kb / 2P
Electronic, 2 C #18 Str TC, PVC Ins, PVC Jkt, CMG
9457 BELDEN-9457 Datasheet
271Kb / 2P
Electronic, 12 C #20 Str TC, PVC Ins, PVC Jkt, CMG
9154 BELDEN-9154 Datasheet
195Kb / 2P
Electronic, 2 C #20 Str TC, PVC Ins, OS, PVC Jkt, CMG
01-20-2023
9154ZH BELDEN-9154ZH Datasheet
156Kb / 2P
Electronic, 2 C #20 Str TC, PVC Ins, OS, PVC Jkt, CMG
05-05-2023
9431 BELDEN-9431 Datasheet
211Kb / 2P
Electronic, 20 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9458 BELDEN-9458 Datasheet
214Kb / 2P
Electronic, 15 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9439 BELDEN-9439 Datasheet
206Kb / 2P
Electronic, 7 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9444 BELDEN-9444 Datasheet
183Kb / 2P
Electronic, 4 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9455 BELDEN-9455 Datasheet
145Kb / 2P
Electronic, 9 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9445 BELDEN-9445 Datasheet
194Kb / 2P
Electronic, 5 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com