Electronic Components Datasheet Search
  English  ▼

X  

8310 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8310
Description  RS232, Low Cap, #22-10pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8310 Datasheet(HTML) 1 Page - Belden Inc.

  8310 Datasheet HTML 1Page - Belden Inc. 8310 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8310
RS232, Low Cap, #22-10pr, SR-PVC, O/A Foil+Braid, PVC Jkt, CMG
Product Description
Computer EIA RS-232 Cable, 22 AWG stranded (7x30) tinned copper conductors, semi-rigid PVC insulation, 10 twisted pairs, overall Beldfoil® (100%
coverage) + tinned copper braid shield (65% coverage), PVC jacket.
Technical Specifications
Product Overview
Suitable Applications:
RS-232 Extended Distance Applications; Computer Communications; Low Voltage Analog Signals (4-20ma, 0-10v, ...); Low Voltage Digital Control (24v, …); Line Level Audio;
Panel Wiring
Construction Details
Conductor
Element Number of Element
Size
Stranding
Material
Pair(s)
10
22 AWG 7x30
TC - Tinned Copper
Insulation
Element
Material
Nom.
Thickness
Nom. Insulation
Diameter
Color Code
Pair(s)
SR-PVC - Polyvinyl Chloride
(Semi-Rigid)
0.011 in (0.28
mm)
0.051 in (1.3 mm)
Black & Red, Black & White, Black & Green, Black & Blue, Black & Yellow, Black & Brown, Black & Orange, Red &
White, Red & Green, Red & Blue
Outer Shield
Shield Type
Material
Coverage
Tape
Bi-Laminate (Alum+Poly) 100%
Braid
Tinned Copper (TC)
65%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.040 in (1.0 mm) 0.440 in (11.2 mm)
Overall Cable Diameter
(Nominal):
0.440 in (11.2 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor
DCR
Max. Conductor
DCR
Nom. Capacitance
Cond-to-Cond
Nom. Capacitance Cond-to-Other (Conds +
Shield)
Nom. Velocity of
Prop.
Max. Current
Pair(s)
18.2 Ohm/1000ft
9 Ohm/1000ft
35 pF/ft (110 pF/m)
63 pF/ft (210 pF/m)
60%
1.96 Amps per Conductor at
25ºC
Voltage
UL Voltage Rating
300 V (CMG), 300 V (UL AWM 2464)
Mechanical Characteristics
Temperature
UL Temperature
Operating


Similar Part No. - 8310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8310 ETC-8310 Datasheet
178Kb / 1P
Connector Modules with Intergrated LAN Magnetics
logo
Filtran LTD
8310 FILTRAN-8310 Datasheet
179Kb / 1P
RJ-45 Connector Modules with Intergrated LAN Magnetics
logo
List of Unclassifed Man...
8310 ETC2-8310 Datasheet
439Kb / 1P
LED LENS CAPS
logo
API Technologies Corp
8310 APITECH-8310 Datasheet
717Kb / 1P
Connector Modules with Intergrated LAN Magnetics
logo
V-COIL THREAD SYSTEM
8310 V-COIL-8310 Datasheet
102Kb / 3P
Wire-Thread-Inserts
More results

Similar Description - 8310

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8303 BELDEN-8303 Datasheet
150Kb / 2P
RS232, Low Cap, #22-3pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8332 BELDEN-8332 Datasheet
152Kb / 2P
RS232, Low Cap, #24-2pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8334 BELDEN-8334 Datasheet
200Kb / 2P
RS232, Low Cap, #24-4pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8335 BELDEN-8335 Datasheet
157Kb / 2P
RS232, Low Cap, #24-5pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8337 BELDEN-8337 Datasheet
166Kb / 2P
RS232, Low Cap, #24-7pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8340 BELDEN-8340 Datasheet
165Kb / 2P
RS232, Low Cap, #24-10pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
8348 BELDEN-8348 Datasheet
219Kb / 2P
RS232, Low Cap, #24-18pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8355 BELDEN-8355 Datasheet
155Kb / 2P
RS232, Low Cap, #24-25pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
9950 BELDEN-9950 Datasheet
149Kb / 2P
RS232, #22-50c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
9939 BELDEN-9939 Datasheet
147Kb / 2P
RS232, #22-3c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com