Electronic Components Datasheet Search
  English  ▼

X  

BC635 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BC635
Description  NPN medium power transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC635 Datasheet(HTML) 3 Page - NXP Semiconductors

  BC635 Datasheet HTML 1Page - NXP Semiconductors BC635 Datasheet HTML 2Page - NXP Semiconductors BC635 Datasheet HTML 3Page - NXP Semiconductors BC635 Datasheet HTML 4Page - NXP Semiconductors BC635 Datasheet HTML 5Page - NXP Semiconductors BC635 Datasheet HTML 6Page - NXP Semiconductors BC635 Datasheet HTML 7Page - NXP Semiconductors BC635 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 23
3
Philips Semiconductors
Product specification
NPN medium power transistors
BC635; BC637; BC639
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
150
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =30V
−
100
nA
IE = 0; VCB =30V; Tj = 150 °C
−
10
µA
IEBO
emitter cut-off current
IC = 0; VEB =5V
−
100
nA
hFE
DC current gain
VCE = 2 V; see Fig.2
IC = 5 mA
40
−
IC = 150 mA
63
250
IC = 500 mA
25
−
DC current gain
IC = 150 mA; VCE = 2 V; see Fig.2
BC639-10
63
160
BC635-16; BC637-16; BC639-16
100
250
VCEsat
collector-emitter saturation voltage
IC = 500 mA; IB =50mA
−
500
mV
VBE
base-emitter voltage
IC = 500 mA; VCE =2V
−
1V
fT
transition frequency
IC = 50 mA; VCE = 5 V; f = 100 MHz
100
−
MHz
DC current gain ratio of the
complementary pairs
I
C = 150 mA; VCE =2V
−
1.6
h
FE1
h
FE2
-----------



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com