Electronic Components Datasheet Search
  English  ▼

X  

DLPA3000 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DLPA3000
Description  DLPC3436 and DLPC3426 Display Controllers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPA3000 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLPA3000 Datasheet HTML 9Page - Texas Instruments DLPA3000 Datasheet HTML 10Page - Texas Instruments DLPA3000 Datasheet HTML 11Page - Texas Instruments DLPA3000 Datasheet HTML 12Page - Texas Instruments DLPA3000 Datasheet HTML 13Page - Texas Instruments DLPA3000 Datasheet HTML 14Page - Texas Instruments DLPA3000 Datasheet HTML 15Page - Texas Instruments DLPA3000 Datasheet HTML 16Page - Texas Instruments DLPA3000 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
6.5 Power Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER(3) (4) (5)
TEST CONDITIONS
MIN
TYP(1)
MAX(2)
UNIT
I(VDD) +
I(VDD_PLLM) +
I(VDD_PLLD)
1.1-V rails
Frame rate = 50 Hz
Input = 1920 x 1080 to FPGA
210
327
mA
Frame rate = 60 Hz
Input = 1920 x 1080 to FPGA
194
354
I(VDD_PLLM)
MCG PLL 1.1-V current(6)
Frame rate = 50 Hz
Input = 1920 x 1080 to FPGA
6
mA
Frame rate = 60 Hz
Input = 1920 x 1080 to FPGA
6
I(VDD_PLLD)
DCG PLL 1.1-V current(6)
Frame rate = 50 Hz
Input = 1920 x 1080 to FPGA
6
mA
Frame rate = 60 Hz
Input = 1920 x 1080 to FPGA
6
I(VCC18)
All 1.8-V I/O current: (1.8-V power supply
for all I/O other than the host or parallel
interface and the SPI flash interface)
Frame rate = 50 Hz
Input = 1920 x 1080 to FPGA
28
48
mA
Frame rate = 60 Hz
Input = 1920 x 1080 to FPGA
28
48
I(VCC_INTF)
Host or parallel interface I/O current: 1.8
V (includes IIC0, PDATA, video syncs, and
HOST_IRQ pins)(6)
Frame rate = 50 Hz
Input = 1920 x 1080 to FPGA
2
mA
Frame rate = 60 Hz
Input = 1920 x 1080 to FPGA
2
I(VCC_FLSH)
Flash interface I/O current: 1.8 to 3.3 V(6)
Frame rate = 50 Hz
Input = 1920 x 1080 to FPGA
1
mA
Frame rate = 60 Hz
Input = 1920 x 1080 to FPGA
1
(1)
Assumes nominal process, voltage, and temperature (25°C nominal ambient) with nominal input images.
(2)
Assumes worst case process, maximum voltage, and high nominal ambient temperature of 65°C with worst case input image.
(3)
Values assume all pins using 1.1 V are tied together (including VDDLP12), and programmable host and flash I/O are at the minimum
nominal voltage (that is 1.8 V).
(4)
Input image is 1920 × 1080 (1080p) 24 bits using reduced VESA timings on the parallel interface at the frame rate shown with the
0.23-in 1080p (DLP230NP/NPSE ) DMD. The controller has the CAIC and LABB algorithms turned off.
(5)
The values do not take into account software updates or customer changes that may affect power performance.
(6)
This rail was not measured due to board limitations. Simulation values are used instead. Simulations assume 12.5% activity factor,
30% clock gating on appropriate domains, and mixed SVT (standard threshold voltage) or HVT (high threshold voltage) cells.
www.ti.com
DLPC3436
DLPS156E – JANUARY 2019 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: DLPC3436



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com