Electronic Components Datasheet Search
  English  ▼

X  

DLPC3426CZVB Datasheet(PDF) 25 Page - Texas Instruments

Part # DLPC3426CZVB
Description  DLPC3436 and DLPC3426 Display Controllers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3426CZVB Datasheet(HTML) 25 Page - Texas Instruments

Back Button DLPC3426CZVB Datasheet HTML 21Page - Texas Instruments DLPC3426CZVB Datasheet HTML 22Page - Texas Instruments DLPC3426CZVB Datasheet HTML 23Page - Texas Instruments DLPC3426CZVB Datasheet HTML 24Page - Texas Instruments DLPC3426CZVB Datasheet HTML 25Page - Texas Instruments DLPC3426CZVB Datasheet HTML 26Page - Texas Instruments DLPC3426CZVB Datasheet HTML 27Page - Texas Instruments DLPC3426CZVB Datasheet HTML 28Page - Texas Instruments DLPC3426CZVB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
7 Detailed Description
7.1 Overview
The DLPC3436 and DLPC3426 are the display controllers for the DLP230NP/NPSE .23 1080p digital
micromirror devices (DMD). The DLPC34x6 controller is part of the chipset that contains the DLPC34x6
controller, the DLP230NP/NPSE (.23 1080p ) DMD, and one of the DLPA2000, DLPA2005, DLPA3000, or
DLPA3005 PMIC/LED drivers. All three components of the chipset must be used in conjunction with each other,
along with the XC7Z020-1CLG484I4493 FPGA, for reliable operation of the .23 1080p DMD. The DLPC34x6
display controller provides interfaces and data/image processing functions that are optimized for small form
factor and power-constrained display applications. Applications include smartphones, tablets, laptops, battery-
powered mobile accessories, wearable (near-eye) displays, smart home displays, and smart speakers. An
application processor is needed to interface with the DLP Pico display subsystem.
7.2 Functional Block Diagram
Input
Control
Processing
Test
Pattern
Generator
Splash
Screen
/20
/
Parallel Video
Arm
® Cortex®-M3
Processor
128 KB I/D Memory
JTAG
I2C_0
SPI_0
GPIO
SPI_1
I2C_1
LED Control
Other options
eDRAM (Frame Memory)
Real Time
Control System
Clocks and Reset
Generation
DLP Subsystem
Display Formatting
DMD Interface
Video Processing
x Brightness Enhancement
x Chroma Interpolation
x Color Space Conversion
x Color Correction
x CAIC Processing
x Contrast Adjust
x Dynamic Scaling
x Gamma Correction
x Image Format Processing
x Power Saving Operations
Clock (Crystal)
Reset Control
DMD_HS_CLK(LVDS)
DMD_HS_DATA(A:H)(LVDS)
DMD_LS_CLK
DMD_LS_WDATA
DMD_LS_RDATA
DMD_DEN_ARSTZ
/
/
/
/
www.ti.com
DLPC3436
DLPS156E – JANUARY 2019 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: DLPC3436



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com