Electronic Components Datasheet Search
  English  ▼

X  

2111 Datasheet(PDF) 5 Page - Wuxi Youda electronics Co.,LTD

Part # 2111
Description  2111
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD

2111 Datasheet(HTML) 5 Page - Wuxi Youda electronics Co.,LTD

  2111 Datasheet HTML 1Page - Wuxi Youda electronics Co.,LTD 2111 Datasheet HTML 2Page - Wuxi Youda electronics Co.,LTD 2111 Datasheet HTML 3Page - Wuxi Youda electronics Co.,LTD 2111 Datasheet HTML 4Page - Wuxi Youda electronics Co.,LTD 2111 Datasheet HTML 5Page - Wuxi Youda electronics Co.,LTD 2111 Datasheet HTML 6Page - Wuxi Youda electronics Co.,LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
友达集成电路
YD2111
应用电路
75Ω
75Ω
75Ω
0.47μF
4.7μF
-
CF1
CF2
270Ω
560Ω
560Ω
Vin
Vin
Vin
2KΩ
2.7mH
75Ω
0.022μF
0.01μF
0.01μF
33KΩ
0.033μF
6800PF
560KΩ
1000PF
0.1μF
1μF
0.1μF
0.01μF
4.7μF
0.01μF
4.7μF
3.3KΩ
VCO STOP
220μF
0.1μF
VCC=3V
4.7KΩ
无锡友达电子有限公司
第五页
共六页
网址:www.e-youda.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com