Electronic Components Datasheet Search
  English  ▼

X  

7813 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 7813
Description  SMD 3 mm Square Sealed Rotary Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

7813 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  7813 Datasheet HTML 1Page - Bourns Electronic Solutions 7813 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
†“Fluorinert” is a registered trademark of 3M Co.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
7813 SMD 3 mm Square Sealed Rotary Switch
Electrical Characteristics
Contact Rating
Maximum Current ...........100 mA max.
Maximum Voltage .........................16 V
Contact Timing...................Non-shorting
Contact Resistance ............2 ohms max.
Insulation Resistance
..............................100 megohms min.
Dielectric Strength ....................250 VAC
General Characteristics
Switch Type ...................................SPDT
Operating Temperature Range
................................-55 °C to +125 °C
Storage Temperature Range
................................-55 °C to +125 °C
Seal Test .......................85 °C Fluorinert†
Mechanical Characteristics
Positions ...............................................2
Adjustment Torque........... .5 N-cm max.
Stop Strength ...................1.8 N-cm min.
Environmental Characteristics
Shock ..............................................20 G
0.1 ms max. discontinuity
Vibration ........................................100 G
0.1 ms max. discontinuity
Thermal Shock .........................(5 cycles)
-55 °C to +125 °C
Humidity
Insulation Resistance
................................10 megohms min.
Rotational Life
-051 ......................................50 Cycles
-023 ..................................2000 Cycles
Max. Soldering Heat ...................245 °C,
5 seconds
Standard Packaging
J ...................................1,000 pcs./reel
S ......................................200 pcs./reel
7813J
3.5
(.138)
ADJUSTMENT SLOT
WIDE
LONG
X
0.51
(.020)
1.93
(.076)
DEEP
X
2 PLCS
2.25
(.089)
0.9
(.035)
1.3
(.051)
0.65
(.026)
0.6
(.024)
4.5
(.177)
1.6
(.063)
2.2
(.087)
0.15
(.006)
C
CW
CCW
0.65
(.026)
3.5
(.138)
0.51
(.020)
1.1
(.043)
2 PLCS
0.9
(.035)
1.6
(.063)
1.6
(.063)
0.65
(.026)
1.1
(.043)
How to Order
7813 J - 1 - 051 E
Model
Terminal
Switch Type
1 = SPDT
Rotational Life
-051 = 50 Cycles
-023 = 2000 Cycles
Embossed Tape
E = 1000 Pcs./180 mm Reel (J Style)
200 Pcs./180 mm Reel (S Style)
2
C
1CW
3
CCW
Features
■ Single pole/double throw
■ RoHS compliant*
■ Compatible with most surface mount
manufacturing processes
■ 50 or 2000 cycle rotational life
■ Tape and reel packaged
■ Withstands 245 ° soldering heat
DIMENSIONS ARE:
MM
(INCHES)
TOLERANCES: ±.2 EXCEPT WHERE NOTED.
K
0
3.02
(.119)
1.93 ± 0.03
(.076 ± .001)
0.52 ± 0.03
(.021 ± .001)
0.51 ± 0.06
(.020 ± .002)
ADJUSTMENT SLOT
LONG X
WIDE X
DEEP
1
2
3
2.39
(.094)
2 PLCS
1.12
(.044)
2.62
(.103)
1.57
(.062)
RECOMMENDED
LAND PATTERN
3 PLCS
1.57
(.062)
3.71
(.146)
2.77
(.109)
5.35
(.211)
1.30
(.051)
0.15 ± 0.03
(.006 ± .001)
0.71 ± 0.20
(.028 ± .008)
1.15
(.045)
TYP
TYP
0.61 ± 0.20
(.024 ± .008)
2.39
(.094)
3.61
(.142)
7813S
U.S. Patent No. 5043695
Product Dimensions


Similar Part No. - 7813

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7813 BOURNS-7813 Datasheet
233Kb / 2P
SMD 3 mm Square Sealed Rotary Switch
logo
List of Unclassifed Man...
7813 ETC2-7813 Datasheet
515Kb / 1P
QUICK-FIT TERMINALS
logo
Bourns Electronic Solut...
7813 BOURNS-7813 Datasheet
171Kb / 2P
SMD 3 mm Square Sealed Rotary Switch
logo
Alpha Wire
78130 ALPHAWIRE-78130 Datasheet
408Kb / 4P
24 (19/36) AWG Tinned Copper
logo
Wixroyd Group Ltd
78130 WIXROYD-78130 Datasheet
388Kb / 2P
Pull Handles - Aluminium for 19“ drawers and instrument panels
More results

Similar Description - 7813

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7814 BOURNS-7814 Datasheet
145Kb / 2P
SMD 4 mm Square Sealed Rotary Switch
7829 BOURNS-7829 Datasheet
422Kb / 1P
6 mm Through-hole Sealed Rotary Switch
logo
Omron Electronics LLC
A6A OMRON-A6A Datasheet
614Kb / 6P
Sealed Rotary DIP Switch
A6CV OMRON-A6CV Datasheet
583Kb / 4P
Sealed Rotary DIP Switch
logo
Bourns Electronic Solut...
7813 BOURNS-7813_10 Datasheet
233Kb / 2P
SMD 3 mm Square Sealed Rotary Switch
7814 BOURNS-7814_09 Datasheet
327Kb / 2P
SMD 4 mm Square Sealed Rotary Switch
7814 BOURNS-7814_11 Datasheet
300Kb / 1P
SMD 4 mm Square Sealed Rotary Switch
7813 BOURNS-7813_12 Datasheet
171Kb / 2P
SMD 3 mm Square Sealed Rotary Switch
logo
Panasonic Semiconductor
EVCX PANASONIC-EVCX Datasheet
97Kb / 2P
18 mm Square Rotary Potentiometers
logo
Bourns Electronic Solut...
7814J BOURNS-7814J Datasheet
299Kb / 1P
7814 SMD 4 mm Square Sealed Rotary Switch
Jan 27, 2003
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com