Electronic Components Datasheet Search
  English  ▼

X  

8342 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8342
Description  RS232, Low Cap, #24-12.5pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8342 Datasheet(HTML) 1 Page - Belden Inc.

  8342 Datasheet HTML 1Page - Belden Inc. 8342 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8342
RS232, Low Cap, #24-12.5pr, SR-PVC, O/A Foil+Braid, PVC Jkt, CMG
Product Description
Computer EIA RS-232 Cable, 12-Pair, 24 AWG stranded (7x32) tinned copper conductors, semi-rigid PVC insulation, overall Beldfoil® (100% coverage) +
tinned copper braid shield (65% coverage), PVC jacket.
Technical Specifications
Product Overview
Suitable Applications:
RS-232 extended distance applications; computer communications; low voltage analog signals (4-20ma, 0-10v, ...); low voltage digital control (24v, …); line level audio; panel
wiring
Construction Details
Conductor
Element
Number of Element
Size
Stranding
Material
Pair(s)
12
24 AWG 7x32
TC - Tinned Copper
Conductor(s) 1
24 AWG 7x32
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Pair(s)
SR-PVC - Polyvinyl Chloride (Semi-Rigid) 0.0105 in (0.267 mm) 0.044 in (1.1 mm)
Western Electric Standard
Conductor(s) SR-PVC - Polyvinyl Chloride (Semi-Rigid) 0.0105 in (0.267 mm) 0.044 in (1.1 mm)
Gray
Outer Shield
Shield Type
Material
Coverage
Tape
Bi-Laminate (Alum+Poly) 100%
Braid
Tinned Copper (TC)
65%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.040 in (1.0 mm) 0.407 in (10.3 mm)
Overall Cable Diameter
(Nominal):
0.407 in (10.3 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor
DCR
Nom. Capacitance
Cond-to-Cond
Nom. Capacitance Cond-to-Other (Conds +
Shield)
Nom. Characteristic
Impedence
Nom. Velocity of
Prop.
Max. Current
Pair(s)
28.8 Ohm/1000ft
30 pF/ft (98 pF/m)
50 pF/ft (160 pF/m)
75 Ohm
60%
1.96 Amps per Conductor at
25ºC
1.96 Amps per Conductor at
25ºC
Voltage
UL Voltage Rating
300 V (CMG), 300 V (UL AWM 2464)
Mechanical Characteristics


Similar Part No. - 8342

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8342 FILTRAN-8342 Datasheet
196Kb / 1P
RJ-45 Single Port Connector with LEDs Intergrated Magnetics 1000 Base-T
logo
List of Unclassifed Man...
8342 ETC2-8342 Datasheet
327Kb / 1P
LED SPACER MOUNTS
8342 ETC2-8342 Datasheet
338Kb / 1P
LED SPACER MOUNTS
8342 ETC2-8342 Datasheet
114Kb / 2P
LED SPACER MOUNTS
logo
API Technologies Corp
8342 APITECH-8342 Datasheet
674Kb / 1P
Single Port Connector
More results

Similar Description - 8342

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8332 BELDEN-8332 Datasheet
152Kb / 2P
RS232, Low Cap, #24-2pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8333 BELDEN-8333 Datasheet
161Kb / 2P
RS232, Low Cap, #24-3pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
8334 BELDEN-8334 Datasheet
200Kb / 2P
RS232, Low Cap, #24-4pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8335 BELDEN-8335 Datasheet
157Kb / 2P
RS232, Low Cap, #24-5pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8336 BELDEN-8336 Datasheet
152Kb / 2P
RS232, Low Cap, #24-6pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8337 BELDEN-8337 Datasheet
166Kb / 2P
RS232, Low Cap, #24-7pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8340 BELDEN-8340 Datasheet
165Kb / 2P
RS232, Low Cap, #24-10pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
8345 BELDEN-8345 Datasheet
170Kb / 2P
RS232, Low Cap, #24-15pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
8348 BELDEN-8348 Datasheet
219Kb / 2P
RS232, Low Cap, #24-18pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8355 BELDEN-8355 Datasheet
155Kb / 2P
RS232, Low Cap, #24-25pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com