Electronic Components Datasheet Search
  English  ▼

X  

8345 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8345
Description  RS232, Low Cap, #24-15pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8345 Datasheet(HTML) 1 Page - Belden Inc.

  8345 Datasheet HTML 1Page - Belden Inc. 8345 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8345
RS232, Low Cap, #24-15pr, SR-PVC, O/A Foil+Braid, PVC Jkt, CMG
Product Description
Computer EIA RS-232 Cable, 15-Pair, 24 AWG stranded (7x32) tinned copper conductors, semi-rigid PVC insulation, overall Beldfoil® (100% coverage) +
tinned copper braid shield (65% coverage), PVC jacket.
Technical Specifications
Product Overview
Suitable Applications:
RS-232 extended distance applications; computer communications; low voltage analog signals (4-20ma, 0-10v, ...); low voltage digital control (24v, …); line level audio;
panel wiring
Construction Details
Conductor
Element Number of Element
Size
Stranding
Material
Pair(s)
15
24 AWG 7x32
TC - Tinned Copper
Insulation
Element
Material
Nom.
Thickness
Color Code
Pair(s)
SR-PVC - Polyvinyl
Chloride
(Semi-Rigid)
0.0105 in
(0.267 mm)
White/Blue Stripe & Blue/White Stripe, White/Orange Stripe & Orange/White Stripe, White/Green Stripe & Green/White Stripe, White/Brown Stripe & Brown/White
Stripe, White/Gray Stripe & Gray/White Stripe, Red/Blue Stripe & Blue/Red Stripe, Red/Orange Stripe & Orange/Red Stripe, Red/Green Stripe & Green/Red
Stripe, Red/Brown Stripe & Brown/Red Stripe, Red/Gray Stripe & Gray/Red Stripe, Black/Blue Stripe & Blue/Black Stripe, Black/Orange Stripe & Orange/Black
Stripe, Black/Green Stripe & Green/Black Stripe, Black/Brown Stripe & Brown/Black Stripe, Black/Gray Stripe & Gray/Black Stripe
Outer Shield
Shield Type
Material
Coverage
Tape
Bi-Laminate (Alum+Poly) 100%
Braid
Tinned Copper (TC)
65%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.040 in (1.0 mm) 0.445 in (11.3 mm)
Overall Cable Diameter (Nominal):
0.445 in (11.3 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR
Nom. Capacitance
Cond-to-Cond
Nom. Capacitance Cond-to-Other (Conds +
Shield)
Nom. Characteristic
Impedence
Nom. Velocity of
Prop.
Max. Current
Pair(s)
24 Ohm/1000ft (79
Ohm/km)
30 pF/ft (98 pF/m)
50 pF/ft (160 pF/m)
75 Ohm
60%
1.1 Amps per Conductor at
25ºC
Voltage
UL Voltage Rating
300 V (CMG), 300 V (UL AWM 2464)
Mechanical Characteristics
Temperature
UL Temperature
Operating


Similar Part No. - 8345

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8345 PHOENIX-8345 Datasheet
534Kb / 37P
Inline Block IO module for sercos
logo
V-COIL THREAD SYSTEM
8345 V-COIL-8345 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
RAF ELECTRONIC HARDWARE
8345-1032-SS RAF-8345-1032-SS Datasheet
102Kb / 1P
OVAL INTERNAL THREAD HANDLE
logo
ETAL Group
8345-B ETAL-8345-B Datasheet
674Kb / 10P
In the business fields Communication and Transport: power supplies, switchgear, instrumentation and process control engineering
8345-B01A-P0 ETAL-8345-B01A-P0 Datasheet
674Kb / 10P
In the business fields Communication and Transport: power supplies, switchgear, instrumentation and process control engineering
More results

Similar Description - 8345

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8332 BELDEN-8332 Datasheet
152Kb / 2P
RS232, Low Cap, #24-2pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8333 BELDEN-8333 Datasheet
161Kb / 2P
RS232, Low Cap, #24-3pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
8334 BELDEN-8334 Datasheet
200Kb / 2P
RS232, Low Cap, #24-4pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8335 BELDEN-8335 Datasheet
157Kb / 2P
RS232, Low Cap, #24-5pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8336 BELDEN-8336 Datasheet
152Kb / 2P
RS232, Low Cap, #24-6pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8337 BELDEN-8337 Datasheet
166Kb / 2P
RS232, Low Cap, #24-7pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8340 BELDEN-8340 Datasheet
165Kb / 2P
RS232, Low Cap, #24-10pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
8342 BELDEN-8342 Datasheet
150Kb / 2P
RS232, Low Cap, #24-12.5pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8348 BELDEN-8348 Datasheet
219Kb / 2P
RS232, Low Cap, #24-18pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
8355 BELDEN-8355 Datasheet
155Kb / 2P
RS232, Low Cap, #24-25pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com