Electronic Components Datasheet Search
  English  ▼

X  

8719LS Datasheet(PDF) 1 Page - Belden Inc.

Part # 8719LS
Description  Electronic, 2 C #16 Str TC, PE Ins, OS, PSZH Jkt, SWA, Eca
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8719LS Datasheet(HTML) 1 Page - Belden Inc.

  8719LS Datasheet HTML 1Page - Belden Inc. 8719LS Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8719LS
Electronic, 2 C #16 Str TC, PE Ins, OS, PSZH Jkt, SWA, Eca
Product Description
Electronic, 2 Conductor 16AWG (19x29) Tinned Copper, PE Insulation, Overall Beldfoil® Shield, LSZH Outer Jacket, Steel Wire Armour, CPR Eca
Technical Specifications
Product Overview
Suitable Applications:
Instrumentation and computer cable for data transmission applications
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
16
19x29
TC - Tinned Copper
Conductor Count:
2
Total Number of Pairs:
1
Insulation
Material
Nominal Diameter Diameter +/- Tolerance
PE - Polyethylene 3.1 mm
0.07 mm
Color Chart
Number
Color
Wire 1
Black
Wire 2
Transparent
Inner Shield
Type
Material
Drainwire Material
Drainwire AWG
Tape Bi-Laminate (Alum+Poly) TC - Tinned Copper 18
Inner Jacket
Material
Color
Nominal Diameter
LSZH - Low Smoke Zero Halogen (Flame Retardant) Chrome 8.1 mm
Outer Shield
Material
Bi-Laminate (Alum+Poly)
Outer Jacket
Material
Nominal Diameter Nominal Wall Thickness
LSZH - Low Smoke Zero Halogen (Flame Retardant) 12.5 mm
1.3 mm
Construction and Dimensions
Armor
Type of Armor
Material
Thickness of Armoring Wires Coverage Percentage
Steel Wire Armoring Single steel wire 0.9 mm
95%


Similar Part No. - 8719LS

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8719LWS BELDEN-8719LWS Datasheet
143Kb / 2P
Electronic, 2 C #16 Str TC, PE Ins, OS, PSZH Jkt, SWA, Cca
11-09-2022
8719LWS.001000 BELDEN-8719LWS.001000 Datasheet
143Kb / 2P
Electronic, 2 C #16 Str TC, PE Ins, OS, PSZH Jkt, SWA, Cca
11-09-2022
More results

Similar Description - 8719LS

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8719 BELDEN-8719 Datasheet
261Kb / 2P
Electronic, 2 C #16 Str TC, PE Ins, OS, PVC Jkt, CM
8762 BELDEN-8762 Datasheet
243Kb / 2P
Electronic, 2 C #20 Str TC, PE Ins, OS, PVC Jkt, CM
8718 BELDEN-8718 Datasheet
164Kb / 2P
Electronic, 2 C #12 Str TC, PE Ins, OS, PVC Jkt, CL2
01-20-2023
8719ELW BELDEN-8719ELW Datasheet
161Kb / 2P
Electronic, 2 C #16 Str TC, PE Ins, OS, PSZH Jkt, Cca
03-06-2023
8719LWS BELDEN-8719LWS Datasheet
143Kb / 2P
Electronic, 2 C #16 Str TC, PE Ins, OS, PSZH Jkt, SWA, Cca
11-09-2022
8719NH BELDEN-8719NH Datasheet
165Kb / 2P
Electronic, 2 C #16 Str TC, PE Ins, OS, LSZH Jkt, Dca
03-04-2023
8760ELV BELDEN-8760ELV Datasheet
147Kb / 2P
Electronic, 2 C #18 Str TC, PE Ins, OS, LSZH Jkt B2ca
03-06-2023
8760NH BELDEN-8760NH Datasheet
153Kb / 2P
Electronic, 2 C #18 Str TC, PE Ins, OS, LSZH Jkt
03-04-2023
85231 BELDEN-85231 Datasheet
172Kb / 2P
Electronic, 2 C #16 Str TC, ETFE Ins, OS, ETFE Jkt
01-20-2023
8618 BELDEN-8618 Datasheet
190Kb / 2P
Electronic, 3 C #16 Str TC, PE Ins, OS, PVC Jkt, CL3
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com