Electronic Components Datasheet Search
  English  ▼

X  

SM2001 Datasheet(PDF) 1 Page - Silicon Mitus, Inc.

Part # SM2001
Description  4 Channel White LED Driver with Internal-switch Boost Regulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.

SM2001 Datasheet(HTML) 1 Page - Silicon Mitus, Inc.

  SM2001 Datasheet HTML 1Page - Silicon Mitus, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SM2001
© 2018 Silicon Mitus, Inc.
www.siliconmitus.com
Februay 2018
– Rev. 0.0.0
1 / 1
4 Channel White LED Driver
with Internal-switch Boost Regulator
Features
 5 V to 36 V Input Supply Voltage Range
 Maximum Output Adjustable up to 47 V
 High-Efficiency Step-up Regulator
. Peak-Current Mode Control
– Fast Transient
. 200 kHz to 1.4 MHz Adjustable Switching Frequency
. Built-in 50 V, 2.5 A, 0.18
Ω MOSFET
 Four LED Current Sources
. Full-Scale LED Current Adjustable up to 40 mA
. ± 1.5% Current Matching between Channels
. Headroom Control to Maximize Efficiency
 Dimming Control
. Wide PDIM Input Frequency: 100 Hz to 22 kHz
. Adjustable Output Dimming Frequency: 100 Hz to
22 kHz
. Selectable Dimming Control
 Direct PWM or Phase Shift PWM
 Protections
. Output Overvoltage Protection
. LED Open Circuit Protection
. Thermal Shutdown
Applications
 Notebook Backlighting
 LCD Monitor LED Backlighting
Description
The SM2001 is a high-efficiency white LED driver with an
internal-switch current mode step-up regulator. It drives up
to four channels of the series LED array with a ±1.5%
current regulation accuracy. Each current source for LED
driving is adjustable up to 40 mA. The step-up DC-DC
converter provides the regulated supply voltage for LED
driving. To reduce power loss, the SM2001 features the
headroom control which detects the lowest channel voltage
and uses to set the output voltage. The high switching
frequency of the converter makes it possible to use ultra-
small inductors and ceramic capacitors. The device
provides two brightness control methods
– phase shift
PWM and direct PWM
– and the dimming mode is selected
by an external dimming mode selection pin. In case of
phase shift PWM, output dimming frequency is
adjusted by an external resistor. The SM2001 features
multiple protections to protect the controller from fault
conditions.
Device Information
Part
Package
Size
SM2001
20 QFN
4 mm x 4 mm
─────────────────────────────────────────────────────────────────────────────
Silicon Mitus cannot assume any responsibility for the consequence of use of information furnished nor for any infringement of patents or
other rights of third parties which may result from its use. No Circuit patent licenses are implied. Silicon Mitus reserves the right to change
the circuitry and specifications without notice at any time. This publication supersedes and replaces all information previously supplied. Silicon
Mitus products are not authorized for use as critical components in life support devices or systems without the express written approval of
Silicon Mitus.
© 2018 Silicon Mitus, Inc. - Printed in Korea - All Rights Reserved


Similar Part No. - SM2001

ManufacturerPart #DatasheetDescription
logo
LUMEL S.A.
SM20017 LUMEL-SM20017 Datasheet
629Kb / 2P
module of analog inputs
SM20018 LUMEL-SM20018 Datasheet
629Kb / 2P
module of analog inputs
logo
Sinopower Semiconductor...
SM2001CSK SINOPWER-SM2001CSK Datasheet
293Kb / 16P
Dual Enhancement Mode MOSFET (N- and P-Channel)
logo
SHENZHEN DOINGTER SEMIC...
SM2001CSK DOINGTER-SM2001CSK Datasheet
2Mb / 9P
N-Channel and P-Channel MOSFET uses advanced trench technology
logo
Sinopower Semiconductor...
SM2001CSKC-TRG SINOPWER-SM2001CSKC-TRG Datasheet
293Kb / 16P
Dual Enhancement Mode MOSFET (N- and P-Channel)
More results

Similar Description - SM2001

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2297 MICREL-MIC2297 Datasheet
272Kb / 12P
40V PWM Boost Regulator White LED Driver
logo
Maxim Integrated Produc...
MAX8798 MAXIM-MAX8798 Datasheet
594Kb / 30P
Internal-Switch Boost Regulator with Integrated 3-Channel Scan Driver for TFT LCDs
Rev 0; 9/07
logo
Micrel Semiconductor
MIC2297 MICREL-MIC2297_08 Datasheet
281Kb / 11P
40V PWM Boost Regulator White LED Driver
logo
Alpha & Omega Semicondu...
AOZ1950 AOSMD-AOZ1950 Datasheet
1Mb / 14P
Boost Regulator White LED Driver
logo
Global Mixed-mode Techn...
G2542 GMT-G2542 Datasheet
118Kb / 1P
6-Channels 40V White LED Driver with Boost Regulator
G2541 GMT-G2541 Datasheet
120Kb / 1P
6-Channels 40V White LED Driver with Boost Regulator
logo
Silicon Mitus, Inc.
SM2006 SILICONMITUS-SM2006 Datasheet
266Kb / 1P
6 Channel White LED Driver with Internal-switch Boost Regulator for High Power LED
Februay 2018 Rev. 0.0.0
SM21BLA SILICONMITUS-SM21BLA Datasheet
264Kb / 1P
2 Channel White LED Driver with Internal-switch Buck Regulator
Februay 2018 Rev. 0.0.0
SM4500 SILICONMITUS-SM4500 Datasheet
267Kb / 1P
6 Channel White LED Driver with Internal-switch Boost Regulator
Februay 2018 Rev. 0.0.0
logo
Richtek Technology Corp...
RT8532 RICHTEK-RT8532 Datasheet
252Kb / 14P
6-String 43V White LED Driver with Boost Regulator
January 2014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com