Electronic Components Datasheet Search
  English  ▼

X  

SM4402 Datasheet(PDF) 1 Page - Silicon Mitus, Inc.

Part # SM4402
Description  Notebook and Tablet LCD Panel Level-shifter with 13-Ch. Output and Gate Pulse Modulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.

SM4402 Datasheet(HTML) 1 Page - Silicon Mitus, Inc.

  SM4402 Datasheet HTML 1Page - Silicon Mitus, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SM4402
© 2018 Silicon Mitus, Inc.
www.siliconmitus.com
Februay 2018
– Rev. 0.0.0
1 / 1
Notebook and Tablet LCD Panel Level-shifter
with 13-Ch. Output and Gate Pulse Modulator
Features
 High-Voltage Level Shifter
. Logic Level Inputs
. -10 V to 38 V Output Rails
. Gate Pulse Modulator
. Discharge Output
 40-bump, WCSP package
 Protection
. Thermal Shutdown
Applications
 LCD Notebook and Tablet Panels
Description
The SM4402 consists of a high-voltage level-shifting scan
driver (level-shifter) with the gate pulse modulator (GPM).
The gate pulse modulator provides a modulated voltage
synchronized with clock signal FLK15, 26, 37, 48. The
high-voltage level-shifting scan driver with the GPM is fitted
for capacitive loads and work well with panels that contain
row drivers on the panel glass. The device is optimized for
thin-film transistor (TFT) liquid-crystal display (LCD)
applications.
Device Information
Part
Package
Size
SM4402
40 WCSP
3.27 mm x
2.07 mm
─────────────────────────────────────────────────────────────────────────────
Silicon Mitus cannot assume any responsibility for the consequence of use of information furnished nor for any infringement of patents or
other rights of third parties which may result from its use. No Circuit patent licenses are implied. Silicon Mitus reserves the right to change
the circuitry and specifications without notice at any time. This publication supersedes and replaces all information previously supplied. Silicon
Mitus products are not authorized for use as critical components in life support devices or systems without the express written approval of
Silicon Mitus.
© 2018 Silicon Mitus, Inc. - Printed in Korea - All Rights Reserved


Similar Part No. - SM4402

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SM4402 FAIRVIEW-SM4402 Datasheet
442Kb / 3P
7/16 DIN Female to 7/16 DIN Female Adapter IP67 Mated
REV 1.0
More results

Similar Description - SM4402

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65194 TI-TPS65194_10 Datasheet
219Kb / 7P
13-Channel Level Shifter for LCD TVs and Monitors
TPS65642 TI-TPS65642 Datasheet
3Mb / 70P
LCD Bias with Integrated Gamma Reference for Notebook PCs, Tablet PCs and Monitors
TPS65642A TI1-TPS65642A Datasheet
3Mb / 77P
LCD Bias With Integrated Gamma Reference for Notebook PCs, Tablet PCs and Monitors
logo
Global Mixed-mode Techn...
G1588 GMT-G1588 Datasheet
225Kb / 2P
10-CH Level Shifter Integrated with Gate Power
logo
Richtek Technology Corp...
RT8901 RICHTEK-RT8901 Datasheet
182Kb / 10P
35V Gate Pulse Modulator for LCD Panels
logo
Silicon Mitus, Inc.
SM4007 SILICONMITUS-SM4007 Datasheet
262Kb / 1P
Notebook and Tablet LCD Panel Level-shifter with 8-Ch. Output and Gate Pulse Modulator
Februay 2018 Rev. 0.0.0
SM4012 SILICONMITUS-SM4012 Datasheet
270Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, 1-Ch. LED Driver, 8-Ch. Level-Shifter, LDO, VCOM Calibrator and OP-Amp
Februay 2018 Rev. 0.0.0
SM41NA SILICONMITUS-SM41NA Datasheet
270Kb / 1P
Notebook and Tablet LCD Panel PMIC with AVDD Boost, VON Boost, Negative Charge Pump, Buck, LDO, VCOM Calibrator, Two OP-Amps, 4-Ch. Gamma Buffers and Level-shifter
Februay 2018 Rev. 0.0.0
SM4804 SILICONMITUS-SM4804 Datasheet
149Kb / 1P
TV LCD Panel Multi-Channel high voltage Level-Shifter with Gate Pulse Modulator
Februay 2018 Rev. 0.0.0
SM4851 SILICONMITUS-SM4851 Datasheet
211Kb / 1P
Single-Inductor and Dual Output for Notebook and Tablet LCD Panel Bias Power Supply
December 2017 Rev. 0.0.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com