Electronic Components Datasheet Search
  English  ▼

X  

BAS40VY Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAS40VY
Description  General-purpose triple Schottky diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS40VY Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAS40VY Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS40VY Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS40VY Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS40VY Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS40VY Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS40VY Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS40VY Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS40VY Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Nexperia
BAS40VY
General-purpose triple Schottky diode
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BAS40VY
TSSOP6
plastic, surface-mounted package; 6 leads; 0.65 mm pitch;
2.1 mm x 1.25 mm x 0.95 mm body
SOT363
7. Marking
Table 4. Marking codes
Type number
Marking code[1]
BAS40VY
2L%
[1] % = placeholder for manufacturing site code
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VR
reverse voltage
Tj = 25 °C
-
40
V
IF
forward current
[1] [2]
-
120
mA
IFRM
repetitive peak forward
current
tp ≤ 0.5 ms; δ ≤ 0.25
-
1
A
tp = 50 µs; square wave; Tj(init) = 25 °C
-
8.5
A
IFSM
non-repetitive peak
forward current
tp = 10 ms; square wave; Tj(init) = 25 °C
-
1.5
A
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
[2] Single diode loaded.
BAS40VY
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
20 April 2023
2 / 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com