Electronic Components Datasheet Search
  English  ▼

X  

200B Datasheet(PDF) 1 Page - E-SWITCH

Part # 200B
Description  SEALED SMT SUB-MINIATURE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

200B Datasheet(HTML) 1 Page - E-SWITCH

  200B Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SERIES 200B SWITCHES
24
SPECIFICATIONS
Contact Rating:
0.4 VA max. @ 20 VAC or DC max.
Electrical Life:
50,000 make-and-break cycles at full load
Contact Resistance:
20 m
Ω max. initial @ 2-4 VDC 100 mA
Insulation Resistance:
109 ohm min.
Dielectric Strength:
1,000 V RMS @ sea level
Operating Temperature:
-30° C to 85° C
Packaging:
Tape & Reel
MATERIALS
Case & Bushing:
High temp material, glass filled 4/6 Nylon, flame
retardant, heat stabilized (UL94-V0)
Actuator:
Brass, chrome plated with internal O-ring seal standard
Switch Support:
Brass/Steel, tin or tin-lead plated
Contacts / Terminals:
Gold plate over nickel plated copper alloy
Terminal Seal:
Epoxy
200B
Actuator
Termination
Series
Bushing
Contact Material
Epoxy
Model No.
200B
WMSP1
WMSP1
T2
A1
SM6
R=Gold
E
200B
WMSP1
T2
A1
SM6
R
E
EXAMPLE
HOW TO ORDER
SEALED SMT SUB-MINIATURE
Phone: 763-504-3525
Fax: 763-531-8235
www.e-switch.com info@e-switch.com
P.C. MOUNTING
8.70
[.343]
2.03
[.080]
TYP
3.25
[.128]
TYP.
2.03
[.080]
TYP.
1.78
[.070]
1.02
[.040]
TYP.
3.56
[.140]
TYP.
3.81
[.150]
TYP.
1.02
[.040]
Schematic
6.30
mm
Dia. 20.20
mm
31.44
Dia. 330.0
mm
2.00mm
1.75mm
16.00mm
Dia 1.50
mm
4.00mm
32.0
mm
13.20
mm
37.50
PP 01-24 Toggle.qxd
5/6/02
4:32 PM
Page 24


Similar Part No. - 200B

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
200B E-SWITCH-200B Datasheet
155Kb / 1P
TOGGLE SWITCHES - SMT SUB-MINIATURE
logo
Freescale Semiconductor...
200B203MW50B FREESCALE-200B203MW50B Datasheet
928Kb / 20P
N-Channel Enhancement-Mode Lateral MOSFETs
logo
Illinois Capacitor, Inc...
200BCR050K ILLINOISCAPACITOR-200BCR050K Datasheet
28Kb / 2P
85째C Temperature Stable Ceramic Disc Capacitors
logo
E-SWITCH
200BWMSP2T2A1SM6RE E-SWITCH-200BWMSP2T2A1SM6RE Datasheet
155Kb / 1P
TOGGLE SWITCHES - SMT SUB-MINIATURE
200BWMSP3T2A1SM6RE E-SWITCH-200BWMSP3T2A1SM6RE Datasheet
155Kb / 1P
TOGGLE SWITCHES - SMT SUB-MINIATURE
More results

Similar Description - 200B

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
ES40-R DBLECTRO-ES40-R Datasheet
271Kb / 3P
Sealed Sub-Miniature Rocker Switches
logo
List of Unclassifed Man...
103-7028-EVX ETC2-103-7028-EVX Datasheet
160Kb / 1P
Sealed Sub-Miniature Rocker Switch
logo
Nihon Kaiheiki Industry...
G3B15AP-XA NKK-G3B15AP-XA Datasheet
233Kb / 6P
Ultra-Miniature Process Sealed SMT Pushbuttons
G3T12AP-R NKK-G3T12AP-R Datasheet
257Kb / 6P
Ultra-Miniature Process Sealed SMT Toggles
logo
GREATECS
PB64 GREATECS-PB64 Datasheet
837Kb / 3P
Sealed Sub-Miniature SMT Pushbutton Switches
RK17 GREATECS-RK17 Datasheet
990Kb / 2P
Sealed Sub-Miniature SMT Rocker Switches SPDT
STS1A2B1MTAGER GREATECS-STS1A2B1MTAGER Datasheet
175Kb / 1P
Sub-Miniature Sealed SMT Toggle Switches
logo
List of Unclassifed Man...
G3B15AB ETC2-G3B15AB Datasheet
407Kb / 6P
Ultra-Miniature Process Sealed SMT Pushbuttons
G3TOGGLES ETC2-G3TOGGLES Datasheet
618Kb / 6P
Process Sealed Ultra-Miniature SMT Toggles
logo
Grayhill, Inc
47DWMSP1R2M6RT GRAYHILL-47DWMSP1R2M6RT Datasheet
146Kb / 3P
Sealed Sub-Miniature Rocker Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com