Electronic Components Datasheet Search
  English  ▼

X  

720 Datasheet(PDF) 1 Page - E-SWITCH

Part # 720
Description  PUSHBUTTON SWITCHES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

720 Datasheet(HTML) 1 Page - E-SWITCH

  720 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PUSHBUTTON SWITCHES
Phone: 763-504-3525
Fax: 763-531-8235
www.e-switch.com info@e-switch.com
SERIES 720 SWITCHES
SPECIFICATIONS
Ratings:
50mA @ 12 VDC
Electrical Life:
300,000 cycles typical
Contact Resistance:
10m
Ω max., typcial @ 2-4 VDC, 100mA
Insulation Resistance:
1,000M
Ω min.
Dielectric Strength:
>1,000 Vrms at sea level
Operating Force:
300 ± 50 gf
MATERIALS
Housing:
6/6 Nylon
Cover:
Polycarbonate (PC)
Lens:
Polycarbonate (PC)
Terminals:
Silver plated copper alloy
Contacts:
Silver plated phosphor bronze
Series
Actuator
720
720
LED
Operating
Force
Contact
Material
F300
F300
A = 12x12mm
Q=Silver
P.C. MOUNTING
HOW TO ORDER
RED=Red
GRN=Green
YEL=Yellow
Schematic
129
pp 122-138 Pushbutton.qxd
5/7/02
3:45 PM
Page 129


Similar Part No. - 720

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
720 MACOM-720 Datasheet
83Kb / 1P
WILMAR??Protective Relays - 700 Series
logo
List of Unclassifed Man...
720 ETC2-720 Datasheet
303Kb / 1P
Wiha Quality Tools Slotted Bits
720 ETC2-720 Datasheet
170Kb / 1P
Wiha Sockets
720 ETC2-720 Datasheet
96Kb / 1P
Tripod Mounting Lug
logo
Curtis Instruments, Inc...
720 CURTIS-720 Datasheet
672Kb / 6P
SOLID STATE DIGITAL METER MODULES
REV E 4 /04
More results

Similar Description - 720

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
PUSHBUTTON SWITCHES
5500 E-SWITCH-5500_1 Datasheet
323Kb / 3P
PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
PUSHBUTTON SWITCHES
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
Pushbutton Switches
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
C&K Components
F-SERIES CK-COMPONENTS-F-SERIES Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
F CK-COMPONENTS-F Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
Pushbutton Switches
28 Nov 22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com