Electronic Components Datasheet Search
  English  ▼

X  

800B Datasheet(PDF) 1 Page - E-SWITCH

Part # 800B
Description  SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

800B Datasheet(HTML) 1 Page - E-SWITCH

  800B Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Phone: 763-504-3525
Fax: 763-531-8235
www.e-switch.com info@e-switch.com
SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
P.C. MOUNTING
SERIES 800B SWITCHES
SPECIFICATIONS
Contact Rating:
0.4 VA max. @ 20 VAC or DC max.
Electrical Life:
50,000 make-and-break cycles at full load
Contact Resistance:
20 m
Ω typical initial @ 2-4 VDC, 100 mA
Insulation Resistance:
109 ohm min.
Dielectric Strength:
1,000 V RMS @ sea level.
Operating Temperature:
-30° C to 85° C
Packaging:
Tape & Reel
MATERIALS
Case & Bushing:
High temperature material, glass filled 4/6 Nylon, flame
retardant, heat stabilized (UL94-V0)
Plunger:
High temperature material, glass filled Nylon 4/6, flame
retardant, heat stabilied (UL94-V0) Internal O-Ring
seal standard.
Switch Support:
Brass/Steel, tin or tin-lead plated.
Contacts / Terminals:
Gold plate over nickel plated copper alloy.
Terminal Seal:
Epoxy
Series
Model No.
Termination
Contact
Material
Seal
800A
800B
EE
SM6
WSP9
R=Gold
Epoxy seal
at base
800B
WSP9
SM6
R
E
EXAMPLE
HOW TO ORDER
WSP9
Schematic
9.07
[.357]
2.03
[.080]
TYP
3.25
[.128]
TYP.
2.03
[.080]
TYP.
1.78
[.070]
1.02
[.040]
TYP.
3.63
[.143]
TYP.
3.81
[.150]
TYP.
145
6.30
mm
Dia. 20.20
mm
31.44
Dia. 330.0
mm
2.00m
1.75m
16.00m
Dia 1.50
mm
4.00m
32.0
mm
13.20
mm
37.50
PP 139-166Pushbutton.qxd
5/7/02
4:15 PM
Page 145


Similar Part No. - 800B

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
800B E-SWITCH-800B Datasheet
140Kb / 1P
PUSHBUTTON SWITCHES - SUB-MINIATURE
logo
List of Unclassifed Man...
800BAC ETC-800BAC Datasheet
992Kb / 8P
Low Voltage and Power Applications
January 2016
800BAC-WH ETC-800BAC-WH Datasheet
992Kb / 8P
Low Voltage and Power Applications
January 2016
logo
E-SWITCH
800BWSP8SM6QE E-SWITCH-800BWSP8SM6QE Datasheet
140Kb / 1P
PUSHBUTTON SWITCHES - SUB-MINIATURE
800BWSP8SM6QE E-SWITCH-800BWSP8SM6QE Datasheet
130Kb / 1P
PUSHBUTTON SWITCHES - SEALED SUB-MINIATURE
More results

Similar Description - 800B

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
800A E-SWITCH-800A Datasheet
142Kb / 2P
SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
logo
GREATECS
PB4 GREATECS-PB4 Datasheet
1Mb / 2P
Sealed Sub-Miniature Pushbutton Switches
PB64 GREATECS-PB64 Datasheet
837Kb / 3P
Sealed Sub-Miniature SMT Pushbutton Switches
logo
C&K Components
FP11 CK-COMPONENTS-FP11 Datasheet
159Kb / 3P
Sealed Ultra Miniature Pushbutton Switches
logo
E-SWITCH
800 E-SWITCH-800 Datasheet
725Kb / 5P
PUSHBUTTON SWITCHES - SUB-MINIATURE
800A E-SWITCH-800A_1 Datasheet
390Kb / 3P
PUSHBUTTON SWITCHES - SUB-MINIATURE
800B E-SWITCH-800B_1 Datasheet
140Kb / 1P
PUSHBUTTON SWITCHES - SUB-MINIATURE
logo
Grayhill, Inc
38FSP8B5M1QT GRAYHILL-38FSP8B5M1QT Datasheet
418Kb / 4P
Sub-Miniature Pushbutton Switches
logo
C&K Components
FP-SERIES CK-COMPONENTS-FP-SERIES Datasheet
178Kb / 3P
Sealed Ultra Miniature Pushbutton Switches
FP CK-COMPONENTS-FP Datasheet
365Kb / 3P
Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com