Electronic Components Datasheet Search
  English  ▼

X  

BC849 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BC849
Description  NPN general purpose transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC849 Datasheet(HTML) 4 Page - NXP Semiconductors

  BC849 Datasheet HTML 1Page - NXP Semiconductors BC849 Datasheet HTML 2Page - NXP Semiconductors BC849 Datasheet HTML 3Page - NXP Semiconductors BC849 Datasheet HTML 4Page - NXP Semiconductors BC849 Datasheet HTML 5Page - NXP Semiconductors BC849 Datasheet HTML 6Page - NXP Semiconductors BC849 Datasheet HTML 7Page - NXP Semiconductors BC849 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Apr 08
4
Philips Semiconductors
Product specification
NPN general purpose transistors
BC849; BC850
Fig.2 DC current gain; typical values.
handbook, full pagewidth
0
300
100
200
MBH724
10−2
10−1
hFE
1
IC (mA)
10
103
102
VCE = 5 V
BC849B; BC850B.
Fig.3 DC current gain; typical values.
handbook, full pagewidth
0
600
200
400
MBH725
10−2
10−1
hFE
1
IC (mA)
10
103
102
VCE = 5 V
BC849C; BC850C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com