Electronic Components Datasheet Search
  English  ▼

X  

NE960R2 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # NE960R2
Description  N-CHANNEL GaAs MES FET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NE960R2 Datasheet(HTML) 1 Page - Renesas Technology Corp

  NE960R2 Datasheet HTML 1Page - Renesas Technology Corp NE960R2 Datasheet HTML 2Page - Renesas Technology Corp NE960R2 Datasheet HTML 3Page - Renesas Technology Corp NE960R2 Datasheet HTML 4Page - Renesas Technology Corp NE960R2 Datasheet HTML 5Page - Renesas Technology Corp NE960R2 Datasheet HTML 6Page - Renesas Technology Corp NE960R2 Datasheet HTML 7Page - Renesas Technology Corp NE960R2 Datasheet HTML 8Page - Renesas Technology Corp NE960R2 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
To our customers,
Old Company Name in Catalogs and Other Documents
On April 1st, 2010, NEC Electronics Corporation merged with Renesas Technology
Corporation, and Renesas Electronics Corporation took over all the business of both
companies. Therefore, although the old company name remains in this document, it is a valid
Renesas Electronics document. We appreciate your understanding.
Renesas Electronics website: http://www.renesas.com
April 1st, 2010
Renesas Electronics Corporation
Issued by:
Renesas Electronics Corporation (http://www.renesas.com)
Send any inquiries to http://www.renesas.com/inquiry.


Similar Part No. - NE960R2

ManufacturerPart #DatasheetDescription
logo
NEC
NE960R2 NEC-NE960R2 Datasheet
62Kb / 12P
0.2 W X, Ku-BAND POWER GaAs MES FET
NE960R200 NEC-NE960R200 Datasheet
62Kb / 12P
0.2 W X, Ku-BAND POWER GaAs MES FET
NE960R275 NEC-NE960R275 Datasheet
62Kb / 12P
0.2 W X, Ku-BAND POWER GaAs MES FET
NE960R275 NEC-NE960R275 Datasheet
29Kb / 3P
0.2W X, Ku-BAND POWER GaAs MESFET
logo
California Eastern Labs
NE960R275 CEL-NE960R275 Datasheet
30Kb / 3P
0.2W X, Ku-BAND POWER GaAs MESFET
More results

Similar Description - NE960R2

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
3SK241 PANASONIC-3SK241 Datasheet
44Kb / 3P
GaAs N-Channel MES FET
logo
Renesas Technology Corp
NE6500179A RENESAS-NE6500179A Datasheet
176Kb / 10P
N-CHANNEL GaAs MES FET
2001
NE6500379A RENESAS-NE6500379A Datasheet
219Kb / 10P
N-CHANNEL GaAs MES FET
1998
NE650R279A RENESAS-NE650R279A Datasheet
212Kb / 10P
N-CHANNEL GaAs MES FET
1998
NE850R599A RENESAS-NE850R599A Datasheet
194Kb / 14P
N-CHANNEL GaAs MES FET
1998
NE960R5 RENESAS-NE960R5 Datasheet
244Kb / 10P
N-CHANNEL GaAs MES FET
2003
NES1720P-140 RENESAS-NES1720P-140 Datasheet
182Kb / 10P
N-CHANNEL GaAs MES FET
2001
NES1823P-140 RENESAS-NES1823P-140 Datasheet
183Kb / 10P
N-CHANNEL GaAs MES FET
2000
NES1823P-30 RENESAS-NES1823P-30 Datasheet
188Kb / 10P
N-CHANNEL GaAs MES FET
1999
NES1823P-70 RENESAS-NES1823P-70 Datasheet
182Kb / 10P
N-CHANNEL GaAs MES FET
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com