Electronic Components Datasheet Search
  English  ▼

X  

P197 Datasheet(PDF) 1 Page - E-SWITCH

Part # P197
Description  POWER PUSHBUTTON SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P197 Datasheet(HTML) 1 Page - E-SWITCH

  P197 Datasheet HTML 1Page - E-SWITCH P197 Datasheet HTML 2Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Phone: 763-504-3525
Fax: 763-531-8235
www.e-switch.com info@e-switch.com
SERIES P197 SWITCHES
Bracket Type
Mechanical
Configuration
Termination
Series
P197
P197
Cap Color
Cap
S=Solder Lug
P=PC Pin
See Cap Options
A=2-Ø3.2
Non-Threaded
Panel Mount
B=2-M3.0 x 0.5
P
Threaded Panel Mt.
C=12.2mm PC Mt.
D=8mm PC Mt.
EE=Latching
OA=
Momentary
HOW TO ORDER
TERMINATION OPTIONS
S
P
EE
PB
TA12
BLU
EXAMPLE
P197
SPECIFICATIONS
Rating:
10A @ 125 VAC - UL, CUL
5A @ 250 VAC - UL, CUL, VDE
TV-5 @ 125 VAC - UL, CUL
In Rush, 80A @ 250 VAC - VDE
Electrical Life:
10,000 cycles
Contact Resistance:
100m
Ω max. typical; initial @ 2-4 VDC
Dielectric Strength:
> 1,500 volts 1 minute
> 3,000 volts between poles
Operating Force:
300 ±100 gram force
MATERIALS
Housing:
6/6 Nylon
Actuator:
Acetal
Bracket:
Tin plated steel
Contacts:
Silver plated copper alloy
Terminals:
Silver plated copper alloy
72
POWER PUSHBUTTON SERIES
NOTE: Also available in 2 pole version. Contact E - Switch for more information.


Similar Part No. - P197

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
P1975 SWITCH-P1975 Datasheet
836Kb / 1P
MOUNTING HARDWARE
logo
Pulse A Technitrol Comp...
P1977 PULSE-P1977 Datasheet
100Kb / 2P
SMT PLANAR TRANSFORMER AND PLANAR INDUCTOR
P1977 PULSE-P1977 Datasheet
100Kb / 2P
SMT PLANAR TRANSFORMER AND PLANAR INDUCTOR
P1977NLT PULSE-P1977NLT Datasheet
100Kb / 2P
SMT PLANAR TRANSFORMER AND PLANAR INDUCTOR
P1977T PULSE-P1977T Datasheet
100Kb / 2P
SMT PLANAR TRANSFORMER AND PLANAR INDUCTOR
More results

Similar Description - P197

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437572-2 MACOM-2-1437572-2 Datasheet
105Kb / 1P
PUSHBUTTON SWITCH TPC13 SERIES
2-1437572-6 MACOM-2-1437572-6 Datasheet
105Kb / 1P
PUSHBUTTON SWITCH TPC13 SERIES
logo
C&K Components
21125 CK-COMPONENTS-21125 Datasheet
440Kb / 10P
F Series Pushbutton Switches
logo
Carling Technologies
P26T-1D-BL CARLINGTECH-P26T-1D-BL Datasheet
124Kb / 1P
P26-Series Pushbutton Switches
P27T-BL CARLINGTECH-P27T-BL Datasheet
116Kb / 1P
P27-Series Pushbutton Switches
P27L-BL CARLINGTECH-P27L-BL Datasheet
116Kb / 1P
P27-Series Pushbutton Switches
P267T-1D-BL CARLINGTECH-P267T-1D-BL Datasheet
124Kb / 1P
P26-Series Pushbutton Switches
logo
List of Unclassifed Man...
PA951 ETC2-PA951 Datasheet
122Kb / 1P
P-Series Pushbutton Switches
logo
C&K Components
PWR CK-COMPONENTS-PWR Datasheet
113Kb / 1P
Power Pushbutton
logo
E-SWITCH
PB300 E-SWITCH-PB300 Datasheet
1Mb / 3P
Series Pushbutton Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com