Electronic Components Datasheet Search
  English  ▼

X  

DR332 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # DR332
Description  Surface Mount Data Line Chokes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

DR332 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  DR332 Datasheet HTML 1Page - Bourns Electronic Solutions DR332 Datasheet HTML 2Page - Bourns Electronic Solutions DR332 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DR332 Series Surface Mount Data Line Chokes
Features
■
Lead free
■
RoHS compliant*
■
Bifilar or sector windings
■
Wide frequency range over 1000MHz
■
Rated current 0.2 to 0.5A
■
Model DR331 recommended for new designs
Applications
■
For the suppression of EMI in data and
signal lines, e.g. CAN Bus
(.362 ± .012)
7.10
(.280)
TYP.
0.25
(.010)
0.60
(.024)
5.00 ± 0.3
(.197 ± .012)
6.00 ± 0.3
(.236 ± .012)
1
2
1
2
4
3
4
3
5.32
(.209)
TYP.
TYP.
TYP.
1.92
(.076)
2.49
(.098)
TYP.
1
N2
N1
2
4
3
= POLARITY
Schematic
Typical Part Marking
DIMENSIONS:
MM
(INCHES)
113E = DR332A-113E
DATE CODE: WEEK
DATE CODE: YEAR
113E
0320
Product Dimensions
Recommended PCB Layout
Electrical Characteristics (@ 25
°C)
L (1-4)
LL (1-4)
RDC (
Ω)
Rated
Bourns
@ 100 kHz,
@ 100 kHz,
(Winding)
Current
Winding
Part
0.1 Vrms
0.1 Vrms
Max.
Max.
Number
(µH)
(Typ.) (2-3 Short)
(
Ω)
DR332-113AE
11.0 +25 %
0.05 µH
0.12
0.5 A
Bifilar
DR332-253AE
25.0 +25 %
1.50 µH
0.20
0.5 A
Sector
DR332-513AE
51.0 +25 %
2.00 µH
0.30
0.5 A
Sector
DR332-474AE
470.0 +25 %
0.28 µH
0.28
0.5 A
Bifilar
DR332-105AE
1000.0 +25 %
0.29 µH
0.40
0.5 A
Bifilar
DR332-475AE
4700.0 +25 %
0.30 µH
0.70
0.2 A
Bifilar
Rated Voltage ..................80 Vdc/42 Vac
Hipot (1 sec.)..........250 Vac/60 Hz, 3 mA
*Operating Temperature ..-40 to +135 °C
*Storage Temperature ......-40 to +135 °C
Temperature Rise
..................30 °C max. at rated current
Resistance to Solder Heat
......................................260 °C 10 sec.
Core ..............................................Ferrite
Wire ......Enameled copper wire (Class F)
Base ............................PPHS (UL 94V-0)
Terminal ....................................Cu/Ni/Sn
Adhesive................................Epoxy resin
Packaging ..................1500 pcs. per reel
*Model DR443-475:
Operating Temperature ....-40 to +100 °C
Storage Temperature ......-40 to +100 °C
REF.
9.60
(.378)
REF.
REF.
3.40
(.134)
1.00
(.039)
Note: For tape and reel packaging, add “E” at the end of part number.
How to Order
DR332 - 513 AE
Model
Value Code
See Model-Value Table
Termination
AE = Cu/Ni/Sn (Lead Free)
REV. 05/05
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.


Similar Part No. - DR332

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR332-1-105C DATATRONICS-DR332-1-105C Datasheet
151Kb / 1P
DATA LINE Low Profile SMD CHOKE
DR332-1-113C DATATRONICS-DR332-1-113C Datasheet
151Kb / 1P
DATA LINE Low Profile SMD CHOKE
DR332-1-225C DATATRONICS-DR332-1-225C Datasheet
151Kb / 1P
DATA LINE Low Profile SMD CHOKE
DR332-1-253C DATATRONICS-DR332-1-253C Datasheet
151Kb / 1P
DATA LINE Low Profile SMD CHOKE
DR332-1-253D DATATRONICS-DR332-1-253D Datasheet
151Kb / 1P
DATA LINE Low Profile SMD CHOKE
More results

Similar Description - DR332

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
DR221 BOURNS-DR221 Datasheet
219Kb / 2P
Surface Mount Data Line Chokes
DR331 BOURNS-DR331 Datasheet
252Kb / 3P
Surface Mount Data Line Chokes
logo
EPCOS
B82793C0502N201 EPCOS-B82793C0502N201_08 Datasheet
314Kb / 12P
Data and signal line chokes
B82793C2113N201 EPCOS-B82793C2113N201_08 Datasheet
203Kb / 8P
Data and signal line chokes
B82794C0475N465 EPCOS-B82794C0475N465 Datasheet
229Kb / 9P
Data and signal line chokes
B82794C2 EPCOS-B82794C2 Datasheet
502Kb / 8P
Data and signal line chokes
B82790C475N265 EPCOS-B82790C475N265 Datasheet
260Kb / 11P
Data and signal line chokes
logo
Bourns Electronic Solut...
DR221 BOURNS-DR221_11 Datasheet
108Kb / 2P
Surface Mount Data Line Chokes
DR331 BOURNS-DR331_12 Datasheet
283Kb / 3P
Surface Mount Data Line Chokes
logo
Central Technologies
CTDR0904F CT-CTDR0904F Datasheet
223Kb / 2P
Data Line Chokes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com