Electronic Components Datasheet Search
  English  ▼

X  

FSR1013 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # FSR1013
Description  Radial Shielded Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

FSR1013 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  FSR1013 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FSR1013 Series - Radial Shielded Inductors
Electrical Characteristics
BOURNS Part No.
Inductance
Q
Test freq. (Hz)
SRF
RDC
Rated Curr.
(mH)
min.
L
Q
(kHz) min.
(
Ω) max.
IDC (mA)
FSR 1013-102KL
1.0 ± 10 %
40
1 k
252.0 k
740
4.0
150
FSR 1013-122KL
1.2 ± 10 %
40
1 k
252.0 k
670
5.0
140
FSR 1013-152KL
1.5 ± 10 %
40
1 k
252.0 k
500
6.0
130
FSR 1013-182KL
1.8 ± 10 %
40
1 k
252.0 k
480
7.0
115
FSR 1013-222KL
2.2 ± 10 %
40
1 k
252.0 k
410
10.0
100
FSR 1013-272KL
2.7 ± 10 %
40
1 k
252.0 k
390
11.0
95
FSR 1013-332KL
3.3 ± 10 %
30
1 k
252.0 k
350
12.0
85
FSR 1013-392KL
3.9 ± 10 %
30
1 k
252.0 k
340
13.0
80
FSR 1013-472KL
4.7 ± 10 %
30
1 k
252.0 k
320
23.0
70
FSR 1013-562KL
5.6 ± 10 %
30
1 k
252.0 k
310
25.0
65
FSR 1013-682KL
6.8 ± 10 %
20
1 k
252.0 k
280
30.0
60
FSR 1013-822KL
8.2 ± 10 %
20
1 k
252.0 k
260
32.0
50
FSR 1013-103KL
10.0 ± 10 %
50
1 k
79.6 k
240
35.0
45
FSR 1013-123KL
12.0 ± 10 %
50
1 k
79.6 k
210
50.0
40
FSR 1013-153KL
15.0 ± 10 %
50
1 k
79.6 k
190
58.0
38
FSR 1013-183KL
18.0 ± 10 %
50
1 k
79.6 k
180
63.0
35
FSR 1013-223KL
22.0 ± 10 %
40
1 k
79.6 k
140
90.0
30
FSR 1013-273KL
27.0 ± 10 %
40
1 k
79.6 k
130
100.0
28
FSR 1013-333KL
33.0 ± 10 %
40
1 k
79.6 k
125
115.0
25
FSR 1013-393KL
39.0 ± 10 %
30
1 k
79.6 k
120
185.0
23
FSR 1013-473KL
47.0 ± 10 %
30
1 k
79.6 k
110
205.0
22
Features
■
High inductance up to 47mH
■
High Q level
■
RoHS compliant*
13.0 ± 0.5
(.512 ± .020)
5 ± 1
(.196 ± .040)
0.7
(.028)
DIA.
5.0
(.196)
10.5 ± 0.5
(.413 ± .020)
Dimensions
DIMENSIONS ARE:
MM
(INCHES)
Materials
Core ....................................................................................................................................................................................Ferrite POT core
Wire ............................................................................................................................................................................Enameled copper wire
Bobbin ..............................................................................................................................................................................................Phenolic
Terminal ................................................................................................................................................................................................Cu/Sn
Adhesive ......................................................................................................................................................................................Epoxy resin
Temperature Rise ..............................................................................................................................................40 °C max. at rated current
Packaging ..........................................................................................................................................................................182 pcs. per bag
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
REV. 05/05


Similar Part No. - FSR1013

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
FSR1013-102KL BOURNS-FSR1013-102KL Datasheet
81Kb / 1P
Radial Shielded Inductors
FSR1013-102KL-09 BOURNS-FSR1013-102KL-09 Datasheet
81Kb / 1P
Radial Shielded Inductors
FSR1013-103KL BOURNS-FSR1013-103KL Datasheet
81Kb / 1P
Radial Shielded Inductors
FSR1013-122KL BOURNS-FSR1013-122KL Datasheet
81Kb / 1P
Radial Shielded Inductors
FSR1013-123KL BOURNS-FSR1013-123KL Datasheet
81Kb / 1P
Radial Shielded Inductors
More results

Similar Description - FSR1013

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISR-875 ABRACON-AISR-875 Datasheet
149Kb / 1P
THRU-HOLE RADIAL SHIELDED INDUCTORS
11.15.06
AISR-01 ABRACON-AISR-01 Datasheet
81Kb / 1P
THRU-HOLE RADIAL SHIELDED INDUCTORS
1.1.07
logo
ECM Electronics Limited...
FS1012 ECM-FS1012 Datasheet
73Kb / 3P
Shielded Radial Inductors
logo
Datatronic Distribution...
DR366-1-102 DATATRONICS-DR366-1-102 Datasheet
111Kb / 2P
Radial Leaded Shielded Inductors
DR366-2-222 DATATRONICS-DR366-2-222 Datasheet
110Kb / 2P
Radial Leaded Shielded Inductors
DR366-3-332 DATATRONICS-DR366-3-332 Datasheet
111Kb / 2P
Radial Leaded Shielded Inductors
logo
RCD COMPONENTS INC.
RS1014-102-KBW RCD-RS1014-102-KBW Datasheet
27Kb / 1P
SHIELDED RADIAL LEAD INDUCTORS
logo
Murata Power Solutions ...
1200RS MURATA-PS-1200RS Datasheet
132Kb / 3P
Through Hole Radial Lead Shielded Inductors
logo
Bourns Electronic Solut...
FSR1013-102KL-09 BOURNS-FSR1013-102KL-09 Datasheet
81Kb / 1P
Radial Shielded Inductors
logo
Allied Components Inter...
ARS875 ALLIED-ARS875 Datasheet
1Mb / 1P
Radial Shielded Bobbin Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com