Electronic Components Datasheet Search
  English  ▼

X  

LM-NP Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # LM-NP
Description  Line Matching Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

LM-NP Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  LM-NP Datasheet HTML 1Page - Bourns Electronic Solutions LM-NP Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Part Numbers And Specifications
Parameters
Unit
LM-NP LM-NP
LM-NP
LM-NP
LM-NP
LM-LP
LM-LP
LM-LP
LM-LP
LM-LP
1001-B1
1002
1003
1004
1005
1001
1002
1003
1004
1005
Ref. Temperature Data
°C
25
25
25
25
25
25
25
25
25
25
Impedance
Primary
Ω
600
600
600
600
600
600
600
600
600
600
(min./at 1.0 kHz)
(150, 150) (150+150)
(150, 150) (150+150)
Secondary
Ω
600
600
600
600
600
600
600
600
600
600
(150,150) (150+150) (150,150)
(150+150)
(150,150)
(150+150)
(150,150) (150+150)
Inductance
Primary
H
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
(min./at 0.2 kHz)
(0.7, 0.7) (0.7+0.7)
(0.7, 0.7) (0.7+0.7)
Secondary
H
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
2.8
(0.7,0.7) (0.7+0.7) (0.7,0.7)
(0.7+0.7)
(0.7,0.7) (0.7+0.7)
(0.7,0.7) (0.7+0.7)
DC-Resistance
Primary
Ω
66
66
66
66
66
90
90
90
90
90
(typical/±10 %)
(33,33)
(33+33)
(45,45)
45+45)
Secondary
Ω
66
66
66
66
66
90
90
90
90
90
(33,33)
(33+33)
(33,33)
(33+33)
(45,45)
(45+45)
(45,45)
45+45)
Turns Ratio (≤ ±2 %)
—
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
Winding
—
—
one
one
both
both
—
one
one
both
both
Configurations
winding
winding windings windings
winding
winding
windings windings
center
split
center
split
center
split
center
split
tapped
tapped
tapped
tapped
Insertion Loss (at 2.0 kHz)
dB
≤ 1.5
≤ 2.0
Return Loss
Transformer
dB
≥ 10.0
≥ 8.0
(0.2 - 4.0 kHz)
In Networks
≥ 21.0
≥ 20.0
Shunt Loss (typical)
kΩ
9.0
9.0
Frequency Response
dB
- 0.3
- 0.5
(typ./0.2 - 3.5 kHz)
Wide Band Response
dB
- 2.5
- 4.5
(0.2 - 10.0 kHz)
Power Level
dBm
- 45.0 to + 3.0
- 43.0 to + 3.0
Longitudinal Balance
dB
-80.0
- 70.0
(0.3 - 4.0 kHz)
Distortion (0 dB/at 1.0 kHz)
%
≤ 0.1
≤ 0.25
Leakage Induction (typical)
mH
14.0
14.0
Dielectric Strength (P/S)
kVDC
6.5
6.5
Temperature Range
Operation
°C
-10 to +60
-10 to +60
Storage
°C
-20 to +70
-20 to +70
Specifications Met
BS 6204: Construction and flammability (UL 94 VO)
CCITT: Rec. T/CD 1-1
BS 6301: Isolation
(Sept. 1982)
BS 6305: Return loss (1982/paragraph 4.3.2.2/b)
LM-NP/-LP 1000 Series - Line Matching Transformers
REV. 04/05



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com