Electronic Components Datasheet Search
  English  ▼

X  

MF-AAA Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-AAA
Description  PTC Resettable Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-AAA Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-AAA Datasheet HTML 1Page - Bourns Electronic Solutions MF-AAA Datasheet HTML 2Page - Bourns Electronic Solutions MF-AAA Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Specifications are subject to change without notice.
MF-AAA Series - PTC Resettable Fuses
Product Dimensions
DIMENSIONS =
MM
(IN)
Model
A
B
C
D
E
F
G
H
K
L
MF-AAA170
16.8 ± 0.3
9.8 ± 0.1
5.0 ± 0.2
5.0 ± 0.2
1.0 MAX.
5.00 ± 0.3
.90 MAX.
.15 ± .05
4.5 ± 0.2
6.0 ± 0.5
(.661 ± .012)
(.386 ± .004)
(.197 ± .008) (.197 ± .008) (.039 MAX.) (.197 ± .012) (.035 MAX.)
(.006 ± .002) (.177 ± .008) (.236 ± .020)
MF-AAA210
16.8 ± 0.3
9.8 ± 0.2
5.0 ± 0.2
5.0 ± 0.2
1.0 MAX.
5.00 ± 0.3
.90 MAX.
.15 ± .05
4.5 ± 0.2
5.0 ± 0.5
(.661 ± .012)
(.386 ± .012)
(.197 ± .008) (.197 ± .008) (.039 MAX.) (.197 ± .012) (.035 MAX.)
(.006 ± .002) (.177 ± .008) (.197 ± .020)
Typical Part Marking
Represents total content. Layout may vary.
How to Order
MF - AAA 170 - 2
Multifuse® Product
Designator
Series
AAA = Battery Cap Component
Hold Current, Ihold
170 or 210 (1.7 Amps, 2.1 Amps)
Packaging
Packaged per EIA 481-1
-2 =
Tape and Reel
C
B
G
H
NOTE:
D
L
F
K
A
E
INSULATED MATERIAL
ON BOTH SIDES.
PART
IDENTIFICATION
DATE CODE -
YEAR & WEEK
(WEEK A OF 2000 = 0A; WEEK 27 OF 2000 = A0)
170
B0A
MANUFACTURER'S
TRADEMARK
0.01
0.001
110
100
0.1
1
10
100
Fault Current (Amps)
MF-AAA170
MF-AAA210
Typical Time to Trip at 23°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com