Electronic Components Datasheet Search
  English  ▼

X  

MF-MSMD Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MF-MSMD
Description  PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-MSMD Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MF-MSMD Datasheet HTML 1Page - Bourns Electronic Solutions MF-MSMD Datasheet HTML 2Page - Bourns Electronic Solutions MF-MSMD Datasheet HTML 3Page - Bourns Electronic Solutions MF-MSMD Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
How to Order
MF - MSMD 075 - 2
Multifuse® Product
Designator
Series
MSMD = 4.5 mm Surface Mount
Component
Hold Current, Ihold
010-260 (0.10 Amps - 2.60 Amps)
Packaging
Packaged per EIA 481-1
-2 = Tape and Reel
Typical Time to Trip at 23 °C
0.01
0.001
0.1
1
10
100
0.1
1
10
100
Fault Current (Amps)
MF-MSMD020
MF-MSMD050
MF-MSMD200
MF-MSMD030
MF-MSMD014
MF-MSMD075
MF-MSMD110
MF-MSMD150
MF-MSMD160
MF-MSMD260
MF-MSMD125
MF-MSMD010
MF-MSMD Series - PTC Resettable Fuses
Thermal Derating Chart - Ihold / Itrip (Amps)
Ambient Operating Temperature
Model
-40
°C
-20
°C0 °C
23
°C
40
°C
50
°C
60
°C
70
°C
85
°C
MF-MSMD010
0.16 / 0.32
0.14 / 0.28
0.12 / 0.24
0.11 / 0.22
0.08 / 0.16
0.07 / 0.14
0.06 / 0.12
0.05 / 0.10
0.03 / 0.06
MF-MSMD014
0.23 / 0.52
0.19 / 0.45
0.17 / 0.40
0.14 / 0.34
0.12 / 0.29
0.10 / 0.25
0.09 / 0.23
0.08 / 0.21
0.06 / 0.16
MF-MSMD020
0.29 / 0.58
0.26 / 0.52
0.23 / 0.46
0.20 / 0.40
0.17 / 0.34
0.15 / 0.30
0.14 / 0.28
0.12 / 0.24
0.10 / 0.20
MF-MSMD030
0.44 / 0.88
0.39 / 0.78
0.35 / 0.70
0.30 / 0.60
0.26 / 0.52
0.23 / 0.46
0.21 / 0.42
0.18 / 0.36
0.15 / 0.30
MF-MSMD050
0.77 / 1.54
0.68 / 1.36
0.59 / 1.18
0.50 / 1.00
0.44 / 0.88
0.40 / 0.80
0.37 / 0.74
0.33 / 0.66
0.29 / 0.58
MF-MSMD075
1.15 / 2.30
1.01 / 2.02
0.88 / 1.76
0.75 / 1.50
0.65 / 1.30
0.60 / 1.20
0.55 / 1.10
0.49 / 0.98
0.43 / 0.86
MF-MSMD110
1.59 / 3.18
1.43 / 2.86
1.26 / 2.52
1.10 / 2.20
0.95 / 1.90
0.87 / 1.74
0.80 / 1.60
0.71 / 1.42
0.60 / 1.20
MF-MSMD125
1.80 / 3.61
1.63 / 3.25
1.43 / 2.86
1.25 / 2.50
1.08 / 2.16
0.99 / 1.98
0.91 / 1.82
0.81 / 1.62
0.68 / 1.36
MF-MSMD150
2.17 / 4.34
1.95 / 3.90
1.72 / 3.44
1.50 / 3.00
1.30 / 2.59
1.18 / 2.37
1.09 / 2.18
0.97 / 1.94
0.82 / 1.64
MF-MSMD160
2.30 / 5.00
2.20 / 4.40
1.90 / 3.80
1.60 / 2.80
1.45 / 2.90
1.30 / 2.60
1.15 / 2.30
1.03 / 2.06
0.91 / 1.82
MF-MSMD200
3.08 / 6.14
2.71 / 5.39
2.35 / 4.62
2.00 / 4.01
1.80 / 1.61
1.60 / 3.19
1.50 / 2.98
1.07 / 2.12
0.80 / 1.58
MF-MSMD260
4.00 / 7.98
3.52 / 7.01
3.06 / 6.09
2.60 / 5.15
2.34 / 4.64
2.08 / 4.13
1.95 / 3.87
1.39 / 2.74
1.04 / 2.05
Typical Part Marking
Represents total content. Layout may vary.
075
0A
MANUFACTURER'S
TRADEMARK
PART
IDENTIFICATION
DATE CODE -
WEEK 1 OF 2000 = 0A
(YEAR & WEEK)
WEEK 27 OF 2000 = A0
(WEEK & YEAR)
MF-MSMD SERIES, REV. R, 09/05



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com