Electronic Components Datasheet Search
  English  ▼

X  

8723LS Datasheet(PDF) 1 Page - Belden Inc.

Part # 8723LS
Description  Electronic, 2PR #22 Str TC, PO ins, IF, LSNH Jkt, 300V, SWA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8723LS Datasheet(HTML) 1 Page - Belden Inc.

  8723LS Datasheet HTML 1Page - Belden Inc. 8723LS Datasheet HTML 2Page - Belden Inc. 8723LS Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 8723LS
Electronic, 2PR #22 Str TC, PO ins, IF, LSNH Jkt, 300V, SWA
Product Description
Electronic, 2 Pair AWG 22 Tinned Copper - Stranded, Polyolefin (PO, PE, PP) insulation, Individually Foiled + No Overall shielding, LSZH / FRNC jacket ,
300V, SWA
Technical Specifications
Product Overview
Suitable Applications:
Instrumentation and computer cable; For data transmission applications
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Pairs
22
7x30
TC - Tinned Copper 2
Conductor Count:
4
Total Number of Pairs:
2
Insulation
Material
Nominal Diameter Diameter +/- Tolerance
PP - Polypropylene 1.17 mm
0.05 mm
Color Chart
Number
Color
Pair 1
Black & Red
Pair 2
Green & White
Inner Shield
Type
Material
Material Trade Name Thickness of Foil Drainwire Material
Tape Bi-Laminate (Alum+Poly) Beldfoil® (Z-Fold®)
9 / 12 µm
TC - Tinned Copper
Inner Jacket
Material
Color
Nominal Diameter Nominal Wall Thickness
LSZH - Low Smoke Zero Halogen (Flame Retardant) Chrome (RAL 7037) 4.55 mm
0.65 mm
Table Notes:
UV Stabilised
Outer Shield
Material
Bi-Laminate (Alum+Poly)
Outer Jacket
Material
Nominal Diameter Nominal Wall Thickness
LSZH - Low Smoke Zero Halogen (Flame Retardant) 8.8 mm
1.25 mm
Construction and Dimensions
Cabling
Description


Similar Part No. - 8723LS

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8723LW BELDEN-8723LW Datasheet
189Kb / 3P
Audio, Control & Instrument, #22-2pr, PO, Indiv. Foil, LSZH Jkt, Cca
11-09-2022
8723LW.00500 BELDEN-8723LW.00500 Datasheet
189Kb / 3P
Audio, Control & Instrument, #22-2pr, PO, Indiv. Foil, LSZH Jkt, Cca
11-09-2022
More results

Similar Description - 8723LS

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8205ELW BELDEN-8205ELW Datasheet
156Kb / 2P
Electronic, 1PR #20 Str TC, PO ins, Unsh, LSNH Jkt, 300V, Cca
11-09-2022
8471LS BELDEN-8471LS Datasheet
225Kb / 3P
Electronic, 1PR #16 Str TC, PO ins, Unsh, LSNH Jkt, 300V, SWA
12-19-2022
8760LS BELDEN-8760LS Datasheet
149Kb / 3P
Electronic, 1PR #18 Str TC, PO ins, OS, LSNH Jkt, 300V, SWA
12-19-2022
8770NH BELDEN-8770NH Datasheet
167Kb / 2P
Electronic, 3C #18 Str TC, PO ins, OS, LSNH Jkt 300V
12-20-2022
8772NH BELDEN-8772NH Datasheet
152Kb / 3P
Electronic, 3C #20 Str TC, PO ins, OS, LSNH Jkt 300V
12-20-2022
8778LS BELDEN-8778LS Datasheet
235Kb / 3P
Audio, Control & Instrument, 6PR#22 Str TC, PO ins, IF, LSNH Jkt, 300V
11-09-2022
9729LS BELDEN-9729LS Datasheet
227Kb / 3P
RS-232/422, 2PR #24 Str TC, PO ins, IF, LSNH Jkt, 300V, SWA
11-09-2022
8771NH BELDEN-8771NH Datasheet
157Kb / 3P
Electronic, 3C #22 Str TC, PO ins, OS, LSNH Jkt 300V
12-20-2022
9842LVS BELDEN-9842LVS Datasheet
148Kb / 3P
RS-485, 2PR #24 Str TC, PO ins, F/B, LSNH Jkt, 300V, SWA, B2ca
12-16-2022
3076ELS BELDEN-3076ELS Datasheet
213Kb / 3P
Profibus PA, 1PR #18 Str TC, PO ins, OS, LSNH Jkt, 300V SWA
12-22-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com