Electronic Components Datasheet Search
  English  ▼

X  

8741 Datasheet(PDF) 1 Page - Belden Inc.

Part # 8741
Description  Electronic, 2 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8741 Datasheet(HTML) 1 Page - Belden Inc.

  8741 Datasheet HTML 1Page - Belden Inc. 8741 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 8741
Electronic, 2 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
Product Description
Electronic, 2 Pair 22AWG (Solid) Tinned Copper, PVC Insulation, PVC Outer Jacket, CMG
Technical Specifications
Product Overview
Suitable Applications:
telephone cables; low voltage analog signals (4-20ma, 0-10v, ...); low voltage control (24v, …); voice communications
Construction Details
Conductor
Element Number of Element
Size
Stranding
Material
Pair(s)
2
22 AWG Solid
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Color Code
Pair(s)
PVC - Polyvinyl Chloride 0.010 in (0.25 mm) Black & Red, Black & White
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.032 in (0.81 mm) 0.230 in (5.84 mm)
Overall Cable Diameter (Nominal): 0.230 in (5.84 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR
Nom. Capacitance Cond-to-Cond
Max. Current
Pair(s)
16.5 Ohm/1000ft (54.1 Ohm/km) 30 pF/ft (98 pF/m)
2.24 Amps per Conductor at 20ºC
Voltage
UL Voltage Rating
300 V (CMG), 150 V (UL AWM 2576)
Mechanical Characteristics
Temperature
UL Temperature
Operating
80°C (UL AWM 2576) -20°C to +80°C
Bend Radius
Stationary Min. Installation Min.
2.3 in (58 mm)
2.3 in (58 mm)
Max. Pull Tension:
30 lbs (14 kg)
Bulk Cable Weight:
23 lbs/1000ft (34 kg/km)
Standards and Compliance


Similar Part No. - 8741

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
8741 BURKERT-8741 Datasheet
4Mb / 24P
Mass flow controller (MFC)/mass flow meter (MFM) for gases
06.03.2024
8741 BURKERT-8741 Datasheet
1Mb / 11P
I/O module, IP20
13.04.2023
8741 BURKERT-8741 Datasheet
1,009Kb / 9P
Single phase primary switched power supply
01.10.2019
logo
Renesas Technology Corp
8741004 RENESAS-8741004 Datasheet
606Kb / 20P
Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
7/20/15
logo
Integrated Device Techn...
8741004AG IDT-8741004AG Datasheet
1Mb / 19P
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
More results

Similar Description - 8741

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8740 BELDEN-8740 Datasheet
169Kb / 2P
Electronic, 1 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
01-20-2023
8742 BELDEN-8742 Datasheet
154Kb / 2P
Electronic, 3 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
05-05-2023
8743 BELDEN-8743 Datasheet
155Kb / 2P
Electronic, 6 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
05-05-2023
8744 BELDEN-8744 Datasheet
154Kb / 2P
Electronic, 9 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
05-05-2023
8748 BELDEN-8748 Datasheet
160Kb / 2P
Electronic, 9 Pr #22 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
8750 BELDEN-8750 Datasheet
159Kb / 2P
Electronic, 27 Pr #22 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
8757 BELDEN-8757 Datasheet
154Kb / 2P
Electronic, 4 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
05-05-2023
8749 BELDEN-8749 Datasheet
160Kb / 2P
Electronic, 15 Pr #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9160 BELDEN-9160 Datasheet
154Kb / 2P
Electronic, 8 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
05-05-2023
9744 BELDEN-9744 Datasheet
180Kb / 2P
Electronic, 2 Pr #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com