Electronic Components Datasheet Search
  English  ▼

X  

8760LS Datasheet(PDF) 1 Page - Belden Inc.

Part # 8760LS
Description  Electronic, 1PR #18 Str TC, PO ins, OS, LSNH Jkt, 300V, SWA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

8760LS Datasheet(HTML) 1 Page - Belden Inc.

  8760LS Datasheet HTML 1Page - Belden Inc. 8760LS Datasheet HTML 2Page - Belden Inc. 8760LS Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 8760LS
Electronic, 1PR #18 Str TC, PO ins, OS, LSNH Jkt, 300V, SWA
Product Description
Electronic, 1 Pair AWG 18 Tinned Copper - Stranded, Polyolefin (PO, PE, PP) insulation, Foil(s) or Copper Tape(s) shielding, LSZH / FRNC jacket , 300V,
SWA
Technical Specifications
Product Overview
Suitable Applications:
Instrumentation and computer cable; For data transmission applications
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
No. of Pairs
18
16x30
TC - Tinned Copper 1
Conductor Count:
2
Total Number of Pairs:
1
Insulation
Material
Nominal Diameter Diameter +/- Tolerance
PE - Polyethylene 2.08 mm
0.05 mm
Color Chart
Number
Color
Pair 1
Black & Clear
Inner Shield
Type
Material
Material Trade Name Drainwire Material
Drainwire AWG
Tape Bi-Laminate (Alum+Poly) Beldfoil®
TC - Tinned Copper AWG20/7
Inner Jacket
Material
Color
Nominal Diameter Nominal Wall Thickness
LSZH - Low Smoke Zero Halogen (Flame Retardant) Chrome (RAL 7037) 6 mm
0.89 mm
Outer Jacket
Material
Nominal Diameter Nominal Wall Thickness
LSZH - Low Smoke Zero Halogen (Flame Retardant) 10.4 mm
1.3 mm
Construction and Dimensions
Armor
Type of Armor
Material
Thickness of Armoring Wires Coverage Percentage
Steel Wire Armoring Galvanized steel wire 0.9 mm
Min. 95%
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR


Similar Part No. - 8760LS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8760 ETC2-8760 Datasheet
33Kb / 3P
18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
logo
Belden Inc.
8760 BELDEN-8760 Datasheet
243Kb / 2P
Electronic, 2 C #18 Str TC, PE Ins, OS, PVC Jkt, CM
logo
Abbatron All Rights Res...
8760-8789 ABBATRON-8760-8789 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
List of Unclassifed Man...
87600601000 ETC2-87600601000 Datasheet
33Kb / 3P
18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
876006010000 ETC2-876006010000 Datasheet
33Kb / 3P
18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
More results

Similar Description - 8760LS

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8205ELW BELDEN-8205ELW Datasheet
156Kb / 2P
Electronic, 1PR #20 Str TC, PO ins, Unsh, LSNH Jkt, 300V, Cca
11-09-2022
8205NH BELDEN-8205NH Datasheet
157Kb / 2P
Electronic, 1PR #20 Str TC, PO ins, Unsh, LSNH Jkt, 300V, Dca
12-16-2022
8471LS BELDEN-8471LS Datasheet
225Kb / 3P
Electronic, 1PR #16 Str TC, PO ins, Unsh, LSNH Jkt, 300V, SWA
12-19-2022
8723LS BELDEN-8723LS Datasheet
220Kb / 3P
Electronic, 2PR #22 Str TC, PO ins, IF, LSNH Jkt, 300V, SWA
11-09-2022
8772ELW BELDEN-8772ELW Datasheet
150Kb / 3P
Electronic, 3C #20 Str TC, PO ins, OS, LSNH Jkt 300V, Cca
03-06-2023
8770ELW BELDEN-8770ELW Datasheet
169Kb / 3P
Electronic, 3C #18 Str TC, PO ins, OS, LSNH Jkt 300V, Cca
03-14-2023
8770NH BELDEN-8770NH Datasheet
167Kb / 2P
Electronic, 3C #18 Str TC, PO ins, OS, LSNH Jkt 300V
12-20-2022
8772NH BELDEN-8772NH Datasheet
152Kb / 3P
Electronic, 3C #20 Str TC, PO ins, OS, LSNH Jkt 300V
12-20-2022
8771NH BELDEN-8771NH Datasheet
157Kb / 3P
Electronic, 3C #22 Str TC, PO ins, OS, LSNH Jkt 300V
12-20-2022
3076ELS BELDEN-3076ELS Datasheet
213Kb / 3P
Profibus PA, 1PR #18 Str TC, PO ins, OS, LSNH Jkt, 300V SWA
12-22-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com