Electronic Components Datasheet Search
  English  ▼

X  

BC868 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BC868
Description  NPN medium power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC868 Datasheet(HTML) 2 Page - NXP Semiconductors

  BC868 Datasheet HTML 1Page - NXP Semiconductors BC868 Datasheet HTML 2Page - NXP Semiconductors BC868 Datasheet HTML 3Page - NXP Semiconductors BC868 Datasheet HTML 4Page - NXP Semiconductors BC868 Datasheet HTML 5Page - NXP Semiconductors BC868 Datasheet HTML 6Page - NXP Semiconductors BC868 Datasheet HTML 7Page - NXP Semiconductors BC868 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1999 Apr 08
2
Philips Semiconductors
Product specification
NPN medium power transistor
BC868
FEATURES
• High current (max. 1 A)
• Low voltage (max. 20 V).
APPLICATIONS
• General purpose switching and amplification
• Power applications such as audio output stages.
DESCRIPTION
NPN medium power transistor in a SOT89 plastic
package. PNP complement: BC869.
PINNING
PIN
DESCRIPTION
1
emitter
2
collector
3
base
Fig.1 Simplified outline (SOT89) and symbol.
handbook, halfpage
123
Bottom view
MAM296
3
2
1
MARKING
TYPE NUMBER
MARKING CODE
BC868
CAC
BC868-25
CDC
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Device mounted on a printed-circuit board, single sided copper, tinplated, mounting pad for collector 6 cm2.
For other mounting conditions, see
“Thermal considerations for SOT89 in the General Part of associated Handbook”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
32
V
VCEO
collector-emitter voltage
open base
−
20
V
VEBO
emitter-base voltage
open collector
−
5V
IC
collector current (DC)
−
1A
ICM
peak collector current
−
2A
IBM
peak base current
−
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
−
1.35
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com