Electronic Components Datasheet Search
  English  ▼

X  

MHW1346 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MHW1346
Description  CATV Amplifier Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MHW1346 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MHW1346 Datasheet HTML 1Page - Freescale Semiconductor, Inc MHW1346 Datasheet HTML 2Page - Freescale Semiconductor, Inc MHW1346 Datasheet HTML 3Page - Freescale Semiconductor, Inc MHW1346 Datasheet HTML 4Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Replaced by MHW1346N. There are no form, fit or function changes with this part
replacement. N suffix indicates RoHS compliant part.
MHW1346
1
RF Device Data
Freescale Semiconductor
CATV Amplifier Module
Features
• Specified for 22- and 26-Channel Loading
• Excellent Distortion Performance
• Superior Gain, Return Loss and DC Current Stability over Temperature
• Capable of Handling Multiple Channels in the Return Path with Good
Distortion Performance
• Silicon Bipolar Transistor Technology
• Unconditionally Stable Under All Load Conditions
Applications
• CATV Systems Operating in the 5 to 200 MHz Frequency Range
• Designed for Broadband Applications Requiring Low Distortion
Characteristics
• Specified for Use as a Return Path Amplifier for Low-, Mid- and High-Split
2-Way Cable TV Systems
Description
• 24 Vdc Supply, 5 to 200 MHz, CATV Reverse Amplifier Module
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
RF Voltage Input (Single Tone)
Vin
+65
dBmV
DC Supply Voltage
VCC
+28
Vdc
Operating Case Temperature Range
TC
- 20 to +100
°C
Storage Temperature Range
Tstg
- 40 to +100
°C
Table 2. Electrical Characteristics (VCC = 24 Vdc, TC = +30°C, 75 W system, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Bandwidth
All
BW
5
—
200
MHz
Power Gain
(f = 5 MHz)
Gp
34.5
35
35.8
dB
Slope
(5-200 MHz)
S
0
—
1.0
dB
Gain Flatness (Peak To Valley)
(5-200 MHz)
GF
—
0.6
1
dB
Return Loss — Input/Output
(@ f = 5-65 MHz)
(@ f = 65-200 MHz)
IRL/ORL
20
16
24
20
—
—
dB
Composite Second Order
(Vout = +50 dBmV per Ch., Worst Case)
5-175 MHz
22-Channel FLAT
5-200 MHz
26-Channel FLAT
CSO22
CSO26
—
—
-76
-75
-72
—
dBc
Document Number: MHW1346
Rev. 2, 5/2006
Freescale Semiconductor
Technical Data
MHW1346
5- 200 MHz, 35 dB GAIN
26-CHANNEL
CATV HIGH-SPLIT
REVERSE AMPLIFIER
MODULE
CASE 1302-01, STYLE 1
© Freescale Semiconductor, Inc., 2006. All rights reserved.


Similar Part No. - MHW1346

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW1345 MOTOROLA-MHW1345 Datasheet
105Kb / 4P
GENERAL PURPOSE LINEAR AMPLIFIER MODULE
logo
Freescale Semiconductor...
MHW1345N FREESCALE-MHW1345N Datasheet
89Kb / 4P
General Purpose Linear Amplifier Module
More results

Similar Description - MHW1346

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGD602D PHILIPS-BGD602D Datasheet
46Kb / 7P
CATV amplifier module
1995 Aug 28
BGD702D PHILIPS-BGD702D Datasheet
70Kb / 8P
CATV amplifier module
1997 Mar 25
BGD704 PHILIPS-BGD704 Datasheet
55Kb / 12P
CATV amplifier module
1999 Mar 22
BGD714 PHILIPS-BGD714 Datasheet
55Kb / 8P
CATV amplifier module
2000 Jan 13
BGD814 PHILIPS-BGD814 Datasheet
67Kb / 12P
CATV amplifier module
2000 Apr 19
BGD816L PHILIPS-BGD816L Datasheet
48Kb / 8P
CATV amplifier module
2000 Apr 12
BGX881 PHILIPS-BGX881 Datasheet
22Kb / 5P
CATV amplifier module
February 1995
BGY585A PHILIPS-BGY585A Datasheet
61Kb / 8P
CATV amplifier module
1999 Mar 26
BGY588 PHILIPS-BGY588 Datasheet
48Kb / 8P
CATV amplifier module
1997 Apr 10
BGY66B PHILIPS-BGY66B Datasheet
52Kb / 8P
CATV amplifier module
1997 Apr 14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com