Electronic Components Datasheet Search
  English  ▼

X  

SA555 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SA555
Description  PRECISION TIMERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SA555 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SA555 Datasheet HTML 6Page - Texas Instruments SA555 Datasheet HTML 7Page - Texas Instruments SA555 Datasheet HTML 8Page - Texas Instruments SA555 Datasheet HTML 9Page - Texas Instruments SA555 Datasheet HTML 10Page - Texas Instruments SA555 Datasheet HTML 11Page - Texas Instruments SA555 Datasheet HTML 12Page - Texas Instruments SA555 Datasheet HTML 13Page - Texas Instruments SA555 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
www.ti.com
C − Capacitance −
µF
10
1
10−1
10−2
10−3
10−4
100
10
1
0.1
0.01
10−5
0.001
RA = 10 MΩ
RA = 10 kΩ
RA = 1 kΩ
RA = 100 kΩ
RA = 1 MΩ
Time − 0.1 ms/div
Capacitor Voltage
Output Voltage
Input Voltage
RA = 9.1 kΩ
CL = 0.01 µF
RL = 1 kΩ
See Figure 9
Astable Operation
Time − 0.5 ms/div
t
H
Capacitor Voltage
Output Voltage
tL
RA = 5 kW
RL = 1 kW
RB = 3 kW
See Figure 12
C = 0.15
µF
GND
OUT
VCC
CONT
RESET
DISCH
THRES
TRIG
C
RB
RA
Output
RL
0.01
µF
VCC
(5 V to 15 V)
(see Note A)
NOTE A: Decoupling CONT voltage to ground with a capacitor can
improve operation. This should be evaluated for individual
applications.
Open
5
8
4
7
6
2
3
1
Pin numbers shown are for the D, JG, P, PS, and PW packages.
NA555, NE555, SA555, SE555
PRECISION TIMERS
SLFS022F – SEPTEMBER 1973 – REVISED JUNE 2006
APPLICATION INFORMATION (continued)
Figure 10. Typical Monostable Waveforms
Figure 11. Output Pulse Duration vs Capacitance
As shown in Figure 12, adding a second resistor, RB, to the circuit of Figure 9 and connecting the trigger input to
the threshold input causes the timer to self-trigger and run as a multivibrator. The capacitor C charges through
RA and RB and then discharges through RB only. Therefore, the duty cycle is controlled by the values of RA and
RB.
This astable connection results in capacitor C charging and discharging between the threshold-voltage level
(
≈0.67 × V
CC) and the trigger-voltage level (≈0.33 × VCC). As in the monostable circuit, charge and discharge
times (and, therefore, the frequency and duty cycle) are independent of the supply voltage.
Figure 12. Circuit for Astable Operation
Figure 13. Typical Astable Waveforms
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com