Electronic Components Datasheet Search
  English  ▼

X  

BC869 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BC869
Description  PNP medium power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC869 Datasheet(HTML) 4 Page - NXP Semiconductors

  BC869 Datasheet HTML 1Page - NXP Semiconductors BC869 Datasheet HTML 2Page - NXP Semiconductors BC869 Datasheet HTML 3Page - NXP Semiconductors BC869 Datasheet HTML 4Page - NXP Semiconductors BC869 Datasheet HTML 5Page - NXP Semiconductors BC869 Datasheet HTML 6Page - NXP Semiconductors BC869 Datasheet HTML 7Page - NXP Semiconductors BC869 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1999 Apr 08
4
Philips Semiconductors
Product specification
PNP medium power transistor
BC869
Fig.2 DC current gain; typical values.
VCE = −1V.
handbook, full pagewidth
0
200
400
hFE
100
300
MGD845
−10−1
−1
IC (mA)
−10
−102
−104
−103



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com