Electronic Components Datasheet Search
  English  ▼

X  

1000 Datasheet(PDF) 1 Page - ITT Industries

Part # 1000
Description  Miniature Slide Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

1000 Datasheet(HTML) 1 Page - ITT Industries

  1000 Datasheet HTML 1Page - ITT Industries 1000 Datasheet HTML 2Page - ITT Industries 1000 Datasheet HTML 3Page - ITT Industries 1000 Datasheet HTML 4Page - ITT Industries 1000 Datasheet HTML 5Page - ITT Industries 1000 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
J–10
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
J
C&K 1000 Series
Miniature Slide Switches
Features/Benefits
• Variety of actuators and terminations
• Panel mount tabs available
• Epoxy terminal seal—compatible with
bottom-wash cleaning
• RoHS compliant
Typical Applications
• Test & measurement equipment
• Telecommunications
• Computer & peripherals
Specifications
CONTACT RATING: B contact material: 0.4 VA max. @
20 V AC or DC max. Q contact material: 6 AMPS @
120 V AC or 28 V DC, 3 AMPS @ 250 V AC.
See page J-15 for additional ratings.
ELECTRICAL LIFE: 100,000 make-and-break cycles at full
load on models with B, K or P contact material; 40,000 cycles
on models with G, Q, L, M, S or R contact material.
CONTACT RESISTANCE: Below 10 m
Ω typ. initial @
2-4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
OPERATING TEMPERATURE: –30ºC to 65ºC
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
Materials
CASE: diallyl phthalate (DAP), (UL 94V-0).
ACTUATOR: Nylon, black, standard.
HOUSING: Stainless steel.
SWITCH SUPPORT: Brass or steel, matte-tin plated.
END CONTACTS: B contact material: Copper alloy, with gold plate over
nickel plate. Q contact material: Coin silver, silver plated. See
page I-16 for additional contact materials.
CENTER CONTACT & ALL TERMINALS: B contact material: Copper
alloy, with gold plate over nickel plate. Q contact material: Copper
alloy, silver plated. See page J-15 for additional contact materials.
TERMINAL SEAL: Epoxy. Refer to Soldering and Cleaning in Technical
Data chapter
NOTE: Any models supplied with Q, B, G, P, S or R contact material are RoHS compliant.
For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages J–11 through J–15. For additional options not shown in catalog, consult Customer Service Center. All models
have epoxy terminal seal and are compatible with all “bottom-wash” PCB cleaning methods.
Switch Function
1101 SP On-None-On
1103 SP On-Off-On
1108 SP Mom-None-On
1201 DP On-None-On
1203 DP On-Off-On
Mounting Style
M2 PC mount without tabs
M1 Panel mount with tabs
Actuator
S3 .200" high
S1 .040" high
S2 .140" high
S4 .285" high
S5 .370" high
S6 .485" high
T3 .200" high
Contact Material
B Gold
Q Silver
K Gold, tin-lead
M Silver, tin-lead
G Gold over silver
L
Gold over silver, tin-lead
P Gold, matte-tin
S Silver, matte-tin
R Gold over silver, matte-tin
Seal
E Epoxy
D No epoxy seal
I
Epoxy potted base
Actuator Color
2
Black
1
White
3
Red
7
Blue
Terminations
A
Right angle, PC thru-hole
C
PC Thru-hole
AV2 Vertical right angle, PC thru-hole
Z
Solder lug
V3
V-bracket
V4
V-bracket
W
.750" long, wire wrap
Z3
Quick connect
Models Available


Similar Part No. - 1000

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
1000 CANDD-1000 Datasheet
360Kb / 1P
Pulse Transformers
logo
C&K Components
1000 CK-COMPONENTS-1000 Datasheet
521Kb / 6P
Miniature Slide Switches
logo
Pentair plc. All rights...
1000 PENTAIR-1000 Datasheet
2Mb / 20P
Model 1000 Remote Reset Meter
logo
Moxa Inc.
1000 MOXA-1000 Datasheet
1Mb / 8P
1 to 16-port RS-232/422/485 USB-to-serial converters
logo
C&K Components
1000 CK-COMPONENTS-1000 Datasheet
923Kb / 6P
Miniature Slide Switches
19 dec 18
More results

Similar Description - 1000

ManufacturerPart #DatasheetDescription
logo
ITT Industries
OS102011MS2QN1 ITT-OS102011MS2QN1 Datasheet
955Kb / 7P
Miniature Slide Switches
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
Miniature Slide Switches
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
Miniature Slide Switches
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
SLIDE SWITCHES - MINIATURE
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
Miniature Slide Switches
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
Miniature Slide Switches
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
Miniature Slide Switches
19 Mar 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com