Electronic Components Datasheet Search
  English  ▼

X  

BC875 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BC875
Description  NPN Darlington transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC875 Datasheet(HTML) 3 Page - NXP Semiconductors

  BC875 Datasheet HTML 1Page - NXP Semiconductors BC875 Datasheet HTML 2Page - NXP Semiconductors BC875 Datasheet HTML 3Page - NXP Semiconductors BC875 Datasheet HTML 4Page - NXP Semiconductors BC875 Datasheet HTML 5Page - NXP Semiconductors BC875 Datasheet HTML 6Page - NXP Semiconductors BC875 Datasheet HTML 7Page - NXP Semiconductors BC875 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 May 28
3
Philips Semiconductors
Product specification
NPN Darlington transistors
BC875; BC879
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
150
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICES
collector cut-off current
BC875
VBE = 0; VCE =45V
−−
50
nA
BC879
VBE = 0; VCE =80V
−−
50
nA
IEBO
emitter cut-off current
IC = 0; VEB =4V
−−
50
nA
hFE
DC current gain
IC = 150 mA; VCE = 10 V; see Fig.2
1000
−−
IC = 0.5 A; VCE = 10 V; see Fig.2
2000
−−
VCEsat
collector-emitter saturation voltage
IC = 0.5 A; IB = 0.5 mA
−−
1.3
V
IC = 1 A; IB =1mA
−−
1.8
V
VBEsat
base-emitter saturation voltage
IC = 1 A; IB =1mA
−−
2.2
V
fT
transition frequency
IC = 0.5 A; VCE = 5 V; f = 100 MHz
−
200
−
MHz
Switching times (between 10% and 90% levels)
ton
turn-on time
ICon = 500 mA; IBon = 0.5 mA;
IBoff = −0.5 mA
−
500
−
ns
toff
turn-off time
−
1300
−
ns



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com