Electronic Components Datasheet Search
  English  ▼

X  

IS421 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IS421
Description  OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IS421 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IS421 Datasheet HTML 1Page - List of Unclassifed Manufacturers IS421 Datasheet HTML 2Page - List of Unclassifed Manufacturers IS421 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISOCOM COMPONENTS LTD
Unit 25B, Park View Road West,
Park View Industrial Estate, Brenda Road
Hartlepool, Cleveland, TS25 1YD
Tel: (01429) 863609 Fax :(01429) 863581
ISOCOM INC
720 E., Park Boulevard, Suite 104,
Plano, TX 75074 USA
Tel: (972) 423-5521
Fax: (972) 422-4549
28/7/98
DB92610-AAS/A2
0.26
0.5
Dimensions in mm
10.16
7.0
6.0
1.2
7.62
3.0
13°
Max
3.35
4.0
3.0
10.2
9.5
2.54
0.26
7.62
6.62
1.2
0.6
1.4
0.9
0.5
1
34
6
25
OPTION G
7.62
SURFACE MOUNT
OPTION SM
OPTICALLY COUPLED BILATERAL
SWITCH LIGHT ACTIVATED ZERO
VOLTAGE CROSSING TRIAC
IS420, IS421, IS422, IS423
APPROVALS
l
UL recognised, File No. E91231
DESCRIPTION
The IS42_ Series are optically coupled
isolators consisting of a Gallium Arsenide
infrared emitting diode coupled with a monolithic
silicon detector performing the functions of a
zero crossing bilateral triac mounted in a stand-
ard 6 pin dual-in-line package.
FEATURES
l
Options :-
10mm lead spread - add G after part no.
Surface mount - add SM after part no.
Tape&reel - add SMT&R after part no.
l
High Isolation Voltage (5.3kV
RMS ,7.5kVPK )
l
Zero Voltage Crossing
l
400V Peak Blocking Voltage
l
All electrical parameters 100% tested
l
Custom electrical selections available
APPLICATIONS
l
CRTs
l
Power Triac Driver
l
Motors
l
Consumer appliances
l
Printers
ABSOLUTE MAXIMUM RATINGS
(25 °C unless otherwise noted)
Storage Temperature
-400C - +1500C
Operating Temperature
-400C - +1000C
Lead Soldering Temperature
2600C
(1.6mm from case for 10 seconds)
Input-to-output Isolation Voltage (Pk) 7500 Vac
(60 Hz , 1sec. duration)
INPUT DIODE
Forward Current
50mA
Reverse Voltage
6V
Power Dissipation
120mW
(derate linearly 1.41mW/0C above 250C)
OUTPUT PHOTO TRIAC
Off-State Output Terminal Voltage
400V
RMS Forward Current
100mA
Forward Current (Peak)
1.2A
Power Dissipation
150mW
(derate linearly 1.76mW/0C above 250C)
POWER DISSIPATION
Total Power Dissipation
250mW
(derate linearly 2.94mW/0C above 250C)


Similar Part No. - IS421

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS4216100F ISSI-IS4216100F Datasheet
1Mb / 86P
Random column address every clock cycle
More results

Similar Description - IS421

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MOC3031 ETC-MOC3031 Datasheet
37Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
MOC3040 ETC-MOC3040 Datasheet
84Kb / 4P
OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
MOC3060 ETC-MOC3060 Datasheet
68Kb / 4P
OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
H11J1X ETC-H11J1X Datasheet
52Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
MOC3080 ETC-MOC3080 Datasheet
37Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
IS620 ETC-IS620 Datasheet
37Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
IS220 ETC-IS220 Datasheet
35Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
IS6003 ETC-IS6003 Datasheet
54Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
ISOCOM COMPONENTS
MOC3009X ISOCOM-MOC3009X Datasheet
54Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
IS6005X ISOCOM-IS6005X Datasheet
75Kb / 3P
OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com